Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTC123YUA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTC123YUA
Description  NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC123YUA Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTC123YUA Datasheet HTML 1Page - Diodes Incorporated DDTC123YUA Datasheet HTML 2Page - Diodes Incorporated DDTC123YUA Datasheet HTML 3Page - Diodes Incorporated DDTC123YUA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30322 Rev. 9 - 2
2 of 4
www.diodes.com
DDTC (R1
≠R2 SERIES) UA
© Diodes Incorporated
Maximum Ratings (continued)
@TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Output Current
All
IC (Max)
100
mA
Power Dissipation
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 4)
RθJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Notes: 4. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
DDTC113ZUA
DDTC123YUA
DDTC123JUA
DDTC143XUA
DDTC143FUA
DDTC143ZUA
DDTC114YUA
DDTC114WUA
DDTC124XUA
DDTC144VUA
DDTC144WUA
Vl(off)
0.3
0.3
0.5
0.3
0.3
0.5
0.3
0.8
0.4
1.0
0.8
VCC = 5V, IO = 100μA
Input Voltage
DDTC113ZUA
DDTC123YUA
DDTC123JUA
DDTC143XUA
DDTC143FUA
DDTC143ZUA
DDTC114YUA
DDTC114WUA
DDTC124XUA
DDTC144VUA
DDTC144WUA
Vl(on)
3.0
3.0
1.1
2.5
1.3
1.3
1.4
3.0
2.5
5.0
4.0
V
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 5mA
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 3mA
VO = 0.3V, IO = 5mA
VO = 0.3V, IO = 1mA
VO = 0.3V, IO = 2mA
VO = 0.3V, IO = 2mA
VO = 0.3V, IO = 2mA
VO = 0.3V, IO = 2mA
Output Voltage
VO(on)
0.1
0.3
V
IO/Il = 5mA/0.25mA
DDTC123JUA
IO/Il = 5mA/0.25mA
DDTC143ZUA
IO/Il = 5mA/0.25mA
DDTC114YUA
IO/Il = 10mA/0.5mA
All Others
Input Current
DDTC113ZUA
DDTC123YUA
DDTC123JUA
DDTC143XUA
DDTC143FUA
DDTC143ZUA
DDTC114YUA
DDTC114WUA
DDTC124XUA
DDTC144VUA
DDTC144WUA
Il
7.2
3.8
3.6
1.8
1.8
1.8
0.88
0.88
0.36
0.16
0.16
mA
VI = 5V
Output Current
IO(off)
0.5
μA
VCC = 50V, VI = 0V
DC Current Gain
DDTC113ZUA
DDTC123YUA
DDTC123JUA
DDTC143XUA
DDTC143FUA
DDTC143ZUA
DDTC114YUA
DDTC114WUA
DDTC124XUA
DDTC144VUA
DDTC144WUA
Gl
33
33
80
30
68
80
68
24
68
33
56
VO = 5V, IO = 5mA
VO = 5V, IO = 10mA
VO = 5V, IO = 10mA
VO = 5V, IO = 10mA
VO = 5V, IO = 10mA
VO = 5V, IO = 10mA
VO = 5V, IO = 5mA
VO = 5V, IO = 10mA
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
Input Resistor Tolerance
ΔR1
-30
+30
%
Resistance Ratio Tolerance
ΔR2/R1
-20
+20
%
Gain-Bandwidth Product*
fT
250
MHz
VCE = 10V, IE = 5mA,
f = 100MHz
* Transistor - For Reference Only


Similar Part No. - DDTC123YUA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC123YUA DIODES-DDTC123YUA Datasheet
193Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 DUAL SURFACE MOUNT TRANSISTOR
DS30322 Rev. 3 - 2
DDTC123YUA DIODES-DDTC123YUA Datasheet
94Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30322 Rev. 8 - 2
DDTC123YUA-7-F DIODES-DDTC123YUA-7-F Datasheet
94Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30322 Rev. 8 - 2
More results

Similar Description - DDTC123YUA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC113TUA DIODES-DDTC113TUA_2 Datasheet
130Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
ADTC114YUAQ DIODES-ADTC114YUAQ Datasheet
457Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 October 2017
ADTC143TCAQ DIODES-ADTC143TCAQ Datasheet
275Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
ADTC143ZUAQ DIODES-ADTC143ZUAQ Datasheet
381Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
ADTC143TUAQ DIODES-ADTC143TUAQ Datasheet
371Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2016
DDTC113TE DIODES-DDTC113TE_2 Datasheet
177Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2
ADTC114ECAQ DIODES-ADTC114ECAQ Datasheet
336Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2017
ADTC143ZCAQ DIODES-ADTC143ZCAQ Datasheet
316Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2017
ADTC144EUAQ DIODES-ADTC144EUAQ Datasheet
461Kb / 6P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 3 - 2 May 2021
DDTC113ZKA DIODES-DDTC113ZKA_2 Datasheet
146Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30338 Rev. 8 - 2
DDTC114GKA DIODES-DDTC114GKA_2 Datasheet
130Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30340 Rev. 6 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com