Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTA113ZE Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTA113ZE
Description  PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTA113ZE Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTA113ZE Datasheet HTML 1Page - Diodes Incorporated DDTA113ZE Datasheet HTML 2Page - Diodes Incorporated DDTA113ZE Datasheet HTML 3Page - Diodes Incorporated DDTA113ZE Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30318 Rev. 7 – 2
2 of 4
www.diodes.com
DDTA (R1
≠R2 SERIES) E
© Diodes Incorporated
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation
Pd
150
mW
Thermal Resistance, Junction to Ambient Air
(Note 4)
RθJA
833
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Notes:
4. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
DDTA113ZE
DDTA123YE
DDTA123JE
DDTA143XE
DDTA143FE
DDTA143ZE
DDTA114YE
DDTA114WE
DDTA124XE
DDTA144VE
DDTA144WE
Vl(off)
-0.3
-0.3
-0.5
-0.3
-0.3
-0.5
-0.3
-0.8
-0.4
-1.0
-0.8
V
VCC = 5V, IO = 100μA
Input Voltage
DDTA113ZE
DDTA123YE
DDTA123JE
DDTA143XE
DDTA143FE
DDTA143ZE
DDTA114YE
DDTA114WE
DDTA124XE
DDTA144VE
DDTA144WE
Vl(on)
-3.0
-3.0
-1.1
-2.5
-1.3
-1.3
-1.4
-3.0
-2.5
-5.0
-4.0
VO = -0.3V, IO = -20mA
VO = -0.3V, IO = -20mA
VO = -0.3V, IO = -5mA
VO = -0.3V, IO = -20mA
VO = -0.3V, IO = -3mA
VO = -0.3V, IO = -5mA
VO = -0.3V, IO = -1mA
VO = -0.3V, IO = -2mA
VO = -0.3V, IO = -2mA
VO = -0.3V, IO = -2mA
VO = -0.3V, IO = -2mA
Output Voltage
VO(on)
-0.1
-0.3
V
IO/Il = -5mA/-0.25mA DDTA123E
IO/Il = -5mA/-0.25mA DDTA143E
IO/Il = -5mA/-0.25mA DDTA114E
IO/Il = -10mA/-0.5mA All Others
Input Current
DDTA113ZE
DDTA123YE
DDTA123JE
DDTA143XE
DDTA143FE
DDTA143ZE
DDTA114YE
DDTA114WE
DDTA124XE
DDTA144VE
DDTA144WE
Il
-7.2
-3.8
-3.6
-1.8
-1.8
-1.8
-0.88
-0.88
-0.36
-0.16
-0.16
mA
VI = -5V
Output Current
IO(off)
-0.5
μA
VCC = -50V, VI = 0V
DC Current Gain
DDTA113ZE
DDTA123YE
DDTA123JE
DDTA143XE
DDTA143FE
DDTA143ZE
DDTA114YE
DDTA114WE
DDTA124XE
DDTA144VE
DDTA144WE
Gl
-33
-33
-80
-30
-68
-80
-68
-24
-68
-33
-56
VO = -5V, IO = -10mA
Input Resistor Tolerance
ΔR1
-30
+30
%
Resistance Ratio Tolerance
ΔR2/R1
-20
+20
%
Gain-Bandwidth Product*
fT
250
MHz
VCE = -10V, IE = 5mA, f = 100MHz
* Transistor – For Reference Only


Similar Part No. - DDTA113ZE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA113ZE DIODES-DDTA113ZE Datasheet
73Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30318 Rev. 2 - 2
DDTA113ZE DIODES-DDTA113ZE Datasheet
89Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30318 Rev. 6 - 2
DDTA113ZE DIODES-DDTA113ZE Datasheet
349Kb / 6P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2 April 2018
DDTA113ZE-7 DIODES-DDTA113ZE-7 Datasheet
73Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30318 Rev. 2 - 2
DDTA113ZE-7-F DIODES-DDTA113ZE-7-F Datasheet
89Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30318 Rev. 6 - 2
More results

Similar Description - DDTA113ZE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA123EUA DIODES-DDTA123EUA_2 Datasheet
132Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 8 - 2
DDTA114GUA DIODES-DDTA114GUA_2 Datasheet
132Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2
ADTA143XUAQ DIODES-ADTA143XUAQ Datasheet
459Kb / 7P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 October 2017
DDTA113ZUA DIODES-DDTA113ZUA_2 Datasheet
141Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
DDTA113TKA DIODES-DDTA113TKA_2 Datasheet
135Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30343 Rev. 7 - 2
DDTA114GKA DIODES-DDTA114GKA_2 Datasheet
126Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30344 Rev. 8 - 2
ADTA114ECAQ DIODES-ADTA114ECAQ Datasheet
282Kb / 7P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2017
ADTA144WCAQ DIODES-ADTA144WCAQ Datasheet
417Kb / 7P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2020
DDTA113TUA DIODES-DDTA113TUA_2 Datasheet
134Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2
MMBT4403T DIODES-MMBT4403T_18 Datasheet
335Kb / 6P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com