Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTC143EE Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTC143EE
Description  NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC143EE Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTC143EE Datasheet HTML 1Page - Diodes Incorporated DDTC143EE Datasheet HTML 2Page - Diodes Incorporated DDTC143EE Datasheet HTML 3Page - Diodes Incorporated DDTC143EE Datasheet HTML 4Page - Diodes Incorporated DDTC143EE Datasheet HTML 5Page - Diodes Incorporated DDTC143EE Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics @TA = 25°C unless otherwise specified
DS30313 Rev. 9 - 2
2 of 6
www.diodes.com
DDTC (R1 = R2 SERIES) E
© Diodes Incorporated
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
VI(off)
0.5
1.1
VCC = 5V, IO = 100mA
Input Voltage
VI(on)
1.9
3
V
VO = 0.3V, IO = 20mA, DDTC123EE
VO = 0.3V, IO = 20mA, DDTC143EE
VO = 0.3V, IO = 10mA, DDTC114EE
VO = 0.3V, IO = 5mA, DDTC124EE
VO = 0.3V, IO = 2mA, DDTC144EE
VO = 0.3V, IO = 1mA, DDTC115EE
Output Voltage
VO(on)
0.1
0.3
V
IO/Il =10mA/0.5mA, DDTC123EE
IO/Il =10mA/0.5mA, DDTC143EE
IO/Il =10mA/0.5mA, DDTC114EE
IO/Il =10mA/0.5mA, DDTC124EE
IO/Il =10mA/0.5mA, DDTC144EE
IO/Il = 5mA/0.25mA, DDTC115EE
Input Current
DDTC123EE
DDTC143EE
DDTC114EE
DDTC124EE
DDTC144EE
DDTC115EE
II
3.8
1.8
0.88
0.36
0.18
0.15
mA
Vl = 5V
Output Current
IO(off)
0.5
μA
VCC = 50V, VI = 0V
DC Current Gain
DDTC123EE
DDTC143EE
DDTC114EE
DDTC124EE
DDTC144EE
DDTC115EE
GI
20
20
30
56
68
82
VO = 5V, IO = 20mA
VO = 5V, IO = 10mA
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
Input Resistor (R1) Tolerance
ΔR1
-30
+30
%
Resistance Ratio
R2/R1
0.8
1
1.2
Gain-Bandwidth Product*
fT
250
MHz VCE = 10V, IE = 5mA, f = 100MHz
* Transistor – For Reference Only
Electrical Characteristics @TA = 25°C unless otherwise specified
-50
050
100
250
200
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Derating Curve
A
°
0
1
2
3
4
0
20
30
V , REVERSE BIAS VOLTAGE (V)
Fig. 2 Output Capacitance
R
5
10
5
15
25
f = 1MHz
150


Similar Part No. - DDTC143EE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC143EE DIODES-DDTC143EE Datasheet
68Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30313 Rev. 3 - 2
DDTC143EE DIODES-DDTC143EE Datasheet
112Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30313 Rev. 8 - 2
DDTC143EE DIODES-DDTC143EE Datasheet
551Kb / 10P
   NPN PRE-BIASED TRANSISTOR IN SOT523
Rev. 16 - 2 April 2021
DDTC143EE-7 DIODES-DDTC143EE-7 Datasheet
68Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30313 Rev. 3 - 2
DDTC143EE-7-F DIODES-DDTC143EE-7-F Datasheet
112Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30313 Rev. 8 - 2
More results

Similar Description - DDTC143EE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC113TUA DIODES-DDTC113TUA_2 Datasheet
130Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
ADTC114YUAQ DIODES-ADTC114YUAQ Datasheet
457Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 October 2017
ADTC143TCAQ DIODES-ADTC143TCAQ Datasheet
275Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
ADTC143ZUAQ DIODES-ADTC143ZUAQ Datasheet
381Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
ADTC143TUAQ DIODES-ADTC143TUAQ Datasheet
371Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2016
DDTC113TE DIODES-DDTC113TE_2 Datasheet
177Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2
ADTC114ECAQ DIODES-ADTC114ECAQ Datasheet
336Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2017
ADTC143ZCAQ DIODES-ADTC143ZCAQ Datasheet
316Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2017
ADTC144EUAQ DIODES-ADTC144EUAQ Datasheet
461Kb / 6P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 3 - 2 May 2021
DDTC113ZKA DIODES-DDTC113ZKA_2 Datasheet
146Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30338 Rev. 8 - 2
DDTC114GKA DIODES-DDTC114GKA_2 Datasheet
130Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30340 Rev. 6 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com