Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C35204186 Datasheet(PDF) 3 Page - General Cable Technologies Corporation

Part # C35204186
Description  C3520, Coaxial Cable, RG62/U Type, Plenum, Gauge Size 22 AWG Solid Copper Clad Steel
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C35204186 Datasheet(HTML) 3 Page - General Cable Technologies Corporation

  C35204186 Datasheet HTML 1Page - General Cable Technologies Corporation C35204186 Datasheet HTML 2Page - General Cable Technologies Corporation C35204186 Datasheet HTML 3Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Applications:
CCTV and MATV
Local Area Networks (LANs)
Programmable Logic Controllers (PLCs)
RF signal transmission
Suggested voltage rating: 150 Volts
Video Display Terminals (VDT)
Compliances:
Designed to Meet NFPA 262 Flame Test
NEC Article 725 (UL: 60ºC, 150V)
NEC Article 800 (UL: 60ºC, 300V)
Packaging:
1000' (305 m) Reels
Other put-ups available- consult Customer Service
Technical Specifications
Unit Conversion Factors
Cable Design Equations - Balanced Pair
Insulation and Jacket Properties
Temperature Conversion Chart
Decimal and Unit Conversion Factors
Cable Design Equations - Braid Shield
AWG Conductor Chart
Conduit Capacity Chart
Cable Design Equations - Coaxial Cable
Engineering Prefixes
Coax Connector Cross Reference
Glossary


Similar Part No. - C35204186

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
C3520 WTE-C3520 Datasheet
42Kb / 2P
   35A AVALANCHE AUTOMOTIVE CELL DIODE
C3520 WTE-C3520 Datasheet
31Kb / 2P
   35A AVALANCHE AUTOMOTIVE CELL DIODE
logo
Powerbox
C3520 POWERBOX-C3520 Datasheet
180Kb / 3P
   Overvoltage protection with auto restart
logo
Won-Top Electronics
C3520 WTE-C3520_14 Datasheet
31Kb / 2P
   35A AVALANCHE AUTOMOTIVE CELL DIODE
More results

Similar Description - C35204186

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C57701801 GENERAL-C57701801 Datasheet
83Kb / 4P
   C5770, Coaxial Cable, RG59/U Type, 22 AWG Solid Copper Clad Steel
C35004186 GENERAL-C35004186 Datasheet
76Kb / 3P
   C3500, Coaxial Cable, RG59/U Type, Plenum, 20 AWG Solid Copper Clad Steel, 95% Bare Copper Braid
C57751801 GENERAL-C57751801 Datasheet
75Kb / 3P
   C5775, Coaxial Cable, RG6/U Type, 18 AWG Solid Copper Clad Steel
C50434101 GENERAL-C50434101 Datasheet
73Kb / 3P
   C5043, Coaxial Cable, RG11/U Type, 14 AWG Solid Copper Clad Steel
C50444101 GENERAL-C50444101 Datasheet
83Kb / 3P
   C5044, Coaxial Cable, RG11/U Type, 14 AWG Solid Copper Clad Steel
C57764101 GENERAL-C57764101 Datasheet
77Kb / 3P
   C5776, Coaxial Cable, RG6/U Type, 18 AWG Solid Copper Clad Steel
C50394101 GENERAL-C50394101 Datasheet
79Kb / 3P
   C5039, Coaxial Cable, RG11/U Type, 14 AWG Solid Copper Clad Steel
C57774101 GENERAL-C57774101 Datasheet
78Kb / 3P
   C5777, Coaxial Cable, RG6/U Type, 18 AWG Copper Clad Steel
C50254101 GENERAL-C50254101 Datasheet
72Kb / 3P
   C5025, Coaxial Cable, RG11/U Type, 14 AWG Solid Copper Clad Steel, 97% Bare Copper Braid
C35214186 GENERAL-C35214186 Datasheet
84Kb / 4P
   C3521, Coaxial Cable, RG6/U Type, Plenum, 18 AWG Solid Bare Copper
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com