Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11995 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB11995
Description  Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11995 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB11995 Datasheet HTML 1Page - Sanyo Semicon Device LB11995 Datasheet HTML 2Page - Sanyo Semicon Device LB11995 Datasheet HTML 3Page - Sanyo Semicon Device LB11995 Datasheet HTML 4Page - Sanyo Semicon Device LB11995 Datasheet HTML 5Page - Sanyo Semicon Device LB11995 Datasheet HTML 6Page - Sanyo Semicon Device LB11995 Datasheet HTML 7Page - Sanyo Semicon Device LB11995 Datasheet HTML 8Page - Sanyo Semicon Device LB11995 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LB11995
No. 6112-3/10
Electrical Characteristics at Ta = 25
°C, V
CC1 = 5V, VCC2 = VCC3 = 12V
Note:
• During S/S OFF (standby), the Hall comparator is at High.
• Items shown to be design target values are not measured.
VC pin input current
VCREF pin input current
ICC1
ICC2
ICC3
ICC1OQ
ICC2OQ
ICC3OQ
VC = VCREF
VC = VCREF
VC = VCREF
VS/S = 0V
VS/S = 0V
VS/S = 0V
VOU1
VOD1
VOU2
VOD2
VCL1
VCL2
IO = –0.5A, VCC1 = 5V, VCC2 = VCC3 = 12V
IO = 0.5A, VCC1 = 5V, VCC2 = VCC3 = 12V
IO = –0.5A, VCC1 = VCC3 = 5V, VCC2 = 12V
IO = 0.5A, VCC1 = VCC3 = 5V, VCC2 = 12V
RRF = 0.33Ω, LMC; OPEN
RRF = 0.33Ω, LMC; GND
VHCOM
IHIB
VHIN
VCC1–1.0
mVP-P
VS/SH
VS/SL
IS/SI
IS/SL
VS/S = 5V
VS/S = 0V
VCC1
IVC
IVCREF
GVCO
VCTH
∆V
CTH
VC = VCREF = 1.65V
VC = VCREF = 1.65V
∆V
RF/∆VC
VCREF = 1.65V
VCREF = 1.65V
VH
IH
IH = 5 mA
TTSD
∆T
TSD
VBRH
VBRL
min
typ
max
[Power supply current]
Power supply current
8
mA
0
mA
150
250
µA
Output idle current
200
µA
30
µA
30
µA
[Output]
Saturation voltage, upper side 1
1.0
V
lower side 1
0.3
V
Saturation voltage, upper side 2
0.3
V
lower side 2
0.3
V
Current limiter setting voltage
0.24
V
0.35
V
[Hall amplifier]
Common mode input voltage range
1.2
V
Input bias current
1
µA
Minimum Hall input level
60
[S/S pin]
High level voltage
2.0
V
Low level voltage
0.7
V
Input current
200
µA
Leak current
–30
µA
[Control]
1
µA
1
µA
Voltage gain
0.35
times
Startup voltage
1.5
1.8
V
Startup voltage width
50
150
mV
[Hall power supply]
Hall power supply voltage
0.8
V
Allowable current
20
mA
[Thermal shutdown]
Operating temperature
Design target value
150
180
210
°C
Hysteresis
Design target value
15
°C
[Short braking]
Brake pin at High level
4
5
V
Brake pin at Low level
0
1
V
Ratings
Parameter
Symbol
Conditions
Unit


Similar Part No. - LB11995

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
More results

Similar Description - LB11995

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1998 SANYO-LB1998 Datasheet
91Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11997H SANYO-LB11997H Datasheet
74Kb / 8P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1997 SANYO-LB1997 Datasheet
100Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1995 SANYO-LB1995 Datasheet
92Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1996 SANYO-LB1996 Datasheet
90Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB1896 SANYO-LB1896 Datasheet
95Kb / 8P
   3-phase Brushless Motor Driver for CD-ROM Spindle Drive Use
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1893 SANYO-LB1893 Datasheet
159Kb / 8P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com