Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C21172105 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part No. C21172105
Description  Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 22, Conductor/Strands: Solid
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GENERAL [General Cable Technologies Corporation]
Homepage  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C21172105 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C21172105 Datasheet HTML 1Page - General Cable Technologies Corporation C21172105 Datasheet HTML 2Page - General Cable Technologies Corporation C21172105 Datasheet HTML 3Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
C2117.21.05
Product SKU:
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 22, Conductor/Strands: Solid, Jacket:
Product Description:
Premium Grade PVC, Temperature Range: -20°C to +105°C - Yellow - 1000 Ft. Spool
Product Category:
Electronics - Hook-Up Wire - UL 1015, CSA TEW - SOLID CONDUCTORS - Yellow
Product Construction:
Conductor:
24 thru 10 AWG
Fully-annealed, tinned copper per ASTM B-33
Solid or stranded
Insulation:
Color Code: See chart below
Premium grade color-coded PVC
Temperature range: -20°C to +105°C
Product Specification:
Conductor Size (AWG):
22
Conductor/Strands:
Solid
No. of Pairs:
1
Jacket Color:
Yellow
Nominal Insulation Thickness
0.032
(in):
Nominal Insulation Thickness
0.81
(mm):
Nominal Outside Diameter (in):
0.089
Nominal Outside Diameter
2.26
(mm):
Standard Packaging:
1000' Spool


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn