Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS116T Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS116T
Description  SURFACE MOUNT LOW LEAKAGE DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS116T Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS116T Datasheet HTML 1Page - Diodes Incorporated BAS116T Datasheet HTML 2Page - Diodes Incorporated BAS116T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS116T, BAW156T,
BAV170T, BAV199T
Document number: DS30258 Rev. 12 - 2
1 of 3
www.diodes.com
March 2009
© Diodes Incorporated
BAS116T, BAW156T,
BAV170T, BAV199T
SURFACE MOUNT LOW LEAKAGE DIODE
Features
Ultra-Small Surface Mount Package
Very Low Leakage Current
Lead Free/RoHS Compliant (Note 2)
Qualified to AEC-Q101 Standards for High Reliability
"Green" Device (Notes 3 and 4)
Mechanical Data
Case: SOT-523
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
Polarity: See Diagrams Below
Marking Information: See Diagrams Below and Page 3
Ordering Information: See Page 2
Weight: 0.002 grams (approximate)
Top View
BAS116T Marking: 50
BAW156T Marking: 53
BAV170T Marking: 51
BAV199T Marking: 52
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
85
V
RMS Reverse Voltage
VR(RMS)
60
V
Forward Continuous Current (Note 1)
Single Diode
Double Diode
IFM
215
125
mA
Repetitive Peak Forward Current
IFRM
500
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0
μs
@ t = 1.0ms
@ t = 1.0s
IFSM
4.0
1.0
0.5
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
150
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RθJA
833
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
V(BR)R
85
V
IR = 100μA
Forward Voltage
VF
0.90
1.0
1.1
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Leakage Current (Note 5)
IR
5.0
80
nA
nA
VR = 75V
VR = 75V, Tj = 150°C
Total Capacitance
CT
2
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
3.0
μs
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
1. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
4. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
5. Short duration pulse test used to minimize self-heating effect.
SOT-523
Please click here to visit our online spice models database.


Similar Part No. - BAS116T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS116T DIODES-BAS116T Datasheet
55Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
DS30258 Rev. 5 - 2
BAS116T DIODES-BAS116T Datasheet
76Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
DS30258 Rev. 10 - 2
logo
Nexperia B.V. All right...
BAS116T NEXPERIA-BAS116T Datasheet
248Kb / 11P
   Single low leakage current switching diode
logo
Diodes Incorporated
BAS116T-7 DIODES-BAS116T-7 Datasheet
56Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
DS30258 Rev. 5 - 2
BAS116T-7-F DIODES-BAS116T-7-F Datasheet
76Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
DS30258 Rev. 10 - 2
More results

Similar Description - BAS116T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS116T DIODES-BAS116T_15 Datasheet
82Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAV116W DIODES-BAV116W_15 Datasheet
115Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAW156TQ DIODES-BAW156TQ Datasheet
354Kb / 5P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS20DW DIODES-BAS20DW_09 Datasheet
107Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAV3004W DIODES-BAV3004W_08 Datasheet
115Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
DS30371 Rev. 11 - 2
BAV116W DIODES-BAV116W_08 Datasheet
115Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 11 - 2 June 2008
BAV3004WS DIODES-BAV3004WS_15 Datasheet
108Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS116 DIODES-BAS116_15 Datasheet
83Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
logo
Galaxy Semi-Conductor H...
BAV3004W BILIN-BAV3004W_17 Datasheet
120Kb / 3P
   Surface mount low leakage diode
logo
Diodes Incorporated
BAV116WS DIODES-BAV116WS Datasheet
279Kb / 5P
   SURFACE MOUNT LOW LEAKAGE DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com