Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT400D Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAT400D
Description  0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT400D Datasheet(HTML) 2 Page - Diodes Incorporated

  BAT400D_08 Datasheet HTML 1Page - Diodes Incorporated BAT400D_08 Datasheet HTML 2Page - Diodes Incorporated BAT400D_08 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAT400D
10
1
100
1,000
.001
00
BAT400D
Document number: DS30182 Rev. 15 - 2
2 of 3
www.diodes.com
June 2008
© Diodes Incorporated
.60
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
1m
10m
010
20
25
35
40
15
530
0.10
0.20
0.30
0.40
0.50
.01
.1
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
T = +25°C
A
T = +125°C
A
T = +75°C
A
0
10
100
V , DC REVERSE VOLTAGE (V)
Fig. 3 Total Capacitance vs. Reverse Voltage
R
1,000
510
25
20
f = 1 MHz
15
0
0.2
0
60
90
150
T , AMBIENT TEMPERATURE ( C)
Fig. 4 Forward Current Derating Curve
A
°
0.4
0.6
30
120
Ordering Information (Note 5)
Part Number
Case
Packaging
BAT400D-7-F
SOT-23
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
KSJ
KSJ = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
Date Code Key
Year
1998
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D


Similar Part No. - BAT400D_08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT400D-7 DIODES-BAT400D-7 Datasheet
63Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30182 Rev. 7 - 2
BAT400D-7-F DIODES-BAT400D-7-F Datasheet
363Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30182 Rev. 13 - 2
BAT400D DIODES-BAT400D_1 Datasheet
363Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30182 Rev. 13 - 2
BAT400D DIODES-BAT400D_15 Datasheet
342Kb / 4P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
BAT400D PANJIT-BAT400D_16 Datasheet
260Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results

Similar Description - BAT400D_08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B0530W DIODES-B0530W_1 Datasheet
383Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30139 Rev. 7 - 2
logo
Taiwan Semiconductor Co...
BAT400D TSC-BAT400D Datasheet
48Kb / 2P
   0.5A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B0540W DIODES-B0540W_15 Datasheet
98Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B0540W DIODES-B0540W_09 Datasheet
98Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 10 - 2 March 2009
B0520LW DIODES-B0520LW_1 Datasheet
84Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30051 Rev. 12 - 2
BAT400D DIODES-BAT400D_1 Datasheet
363Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30182 Rev. 13 - 2
B0520LW DIODES-B0520LW_14 Datasheet
98Kb / 4P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
BAT400D DIODES-BAT400D_15 Datasheet
342Kb / 4P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
MBR0580S1 DIODES-MBR0580S1 Datasheet
327Kb / 6P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B0540WQ DIODES-B0540WQ Datasheet
439Kb / 5P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
BAT400D DIODES-BAT400D Datasheet
63Kb / 3P
   0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30182 Rev. 7 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com