Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA9702W Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA9702W
Description  DVD Player Front End Processor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA9702W Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA9702W Datasheet HTML 1Page - Sanyo Semicon Device LA9702W Datasheet HTML 2Page - Sanyo Semicon Device LA9702W Datasheet HTML 3Page - Sanyo Semicon Device LA9702W Datasheet HTML 4Page - Sanyo Semicon Device LA9702W Datasheet HTML 5Page - Sanyo Semicon Device LA9702W Datasheet HTML 6Page - Sanyo Semicon Device LA9702W Datasheet HTML 7Page - Sanyo Semicon Device LA9702W Datasheet HTML 8Page - Sanyo Semicon Device LA9702W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Ordering number : ENN6575
N2001RM (OT) No. 6575 -1/10
Overview
The LA9702W is an RF signal-processing and servo error
signal generation IC for DVD and CD playback. A DVD
player can be implemented by combining this IC with a
DVD DSP product that includes a digital servo DSP.
Functions and Features
• RF signal generation (with built-in gain adjustment
VGA circuit)
• RF peak detection and generation
• RF bottom detection and generation (with time constant
switching)
• Built-in RF equalizer amplifiers (two systems)
• FE amplifier (with built-in balance adjustment VCA and
offset cancellation pin)
• Three-beam TE amplifier (with built-in balance
adjustment VCA and offset cancellation pin)
• Reflection amplifier
• DPD circuit
• Tracking hold circuit
• Push-pull TE amplifier (with built-in balance adjustment
VCA)
• Built-in wobble detection bandpass filter
• APC circuits (two systems)
• Defect detection circuit
Package Dimensions
unit: mm
3220-SQFP80
14.0
12.0
1.25
1.25
0.5
120
21
40
41
60
61
80
0.5
0.5
0.2
0.135
SANYO: SQFP80
[LA9702W]
LA9702W
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
DVD Player Front End Processor
Monolithic Linear IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
6.0
V
Allowable power dissipation
Pd max
Pdmax for
≤ 70°C (when mounted on a PCB)
500
mW
Operating temperature
Topr
–25 to +70
°C
Storage temperature
Tstg
–40 to +150
°C
Specifications
Maximum Ratings at Ta = 25°C
Note: These specifications are subject to change without notice.


Similar Part No. - LA9702W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9703W SANYO-LA9703W Datasheet
119Kb / 15P
   LA9703W
LA9703W SANYO-LA9703W Datasheet
390Kb / 16P
   Front End Processor for DVD Player
LA9703W SANYO-LA9703W_06 Datasheet
390Kb / 16P
   Front End Processor for DVD Player
More results

Similar Description - LA9702W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9703W SANYO-LA9703W_06 Datasheet
390Kb / 16P
   Front End Processor for DVD Player
logo
Rohm
BD3824FS ROHM-BD3824FS Datasheet
71Kb / 3P
   Sound processor for DVD player
logo
Princeton Technology Co...
PT9202 PTC-PT9202 Datasheet
217Kb / 5P
   DVD Analog Front-End
logo
List of Unclassifed Man...
DV-SL100 ETC-DV-SL100 Datasheet
522Kb / 4P
   Progressive Scan DVD Player
logo
Nippon Precision Circui...
SM8701BM NPC-SM8701BM Datasheet
119Kb / 14P
   DVD Player Clock Generator
logo
List of Unclassifed Man...
MT1389DE ETC1-MT1389DE Datasheet
1Mb / 5P
   MediaTek MT1389DE DVD Player Chip Set MTK / Processor IC TQFP
logo
Analog Devices
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE) Processor
REV. 0
logo
Samsung semiconductor
S5L1454A SAMSUNG-S5L1454A Datasheet
1Mb / 161P
   DVD PLAYER DIGITAL SERVO & DSP IC
logo
Sanyo Semicon Device
LA73054 SANYO-LA73054 Datasheet
433Kb / 12P
   For DVD Player Video Signal Driver
logo
Rohm
RLD65MPT5 ROHM-RLD65MPT5 Datasheet
72Kb / 4P
   Red Laser for DVD-player, Combination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com