Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG30SC4M Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # SG30SC4M
Description  Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

SG30SC4M Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  SG30SC4M Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd SG30SC4M Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
J533-P2010.
06〉)
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
■特性図 CHARACTERI
STI
C DI
AGRAMS
30
25
20
15
10
順方向特性
Forward Voltage
10
0.
100
0.
1.
Tc=150℃(MAX)
Tc=150℃(TYP)
Tc= 25℃(MAX)
Tc= 25℃(TYP)
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
順電力損失曲線
Forward Power Dissipation
400
250
200
150
300
350
100
50
01
100
50
10
20
1cycle
10ms10ms
Sine wave
Non-repetitive
Tj=25℃
DC
D=0.
0.
0.
0.
0.
0.
05
SIN
DC
D=0.
0.
0.
0.
0.
0.
05
SIN
接合容量
Junction Capacitance
逆電力損失曲線
Reverse Power Dissipation
逆方向特性
Reverse Current
10000
1000
1000.1
40
20
10
0.
0.
10
15
20
020
103050
40
1000
0.
01
0.
001
0.
100
10
05
10
25
30
35
40
15
20
Tj=150℃
D=tp/T
T
tp
IO
DC
D=0.
05
0.
0.
0.
0.
SIN
0.
DC
D=0.
05
0.
0.
0.
0.
SIN
0.
Tc=100℃(TYP)
Tc=150℃(TYP)
Tc=125℃(TYP)
Tc= 75℃(TYP)
Tc= 50℃(TYP)
Tc= 25℃(TYP)
Tj=150℃
D=tp/T
T
tp
VR
10
30
40
50
20
過渡熱抵抗
Transient Thermal Impedance
ディレーティングカーブ Tc-Io
Derating Curve Tc-Io
10
20
30
60
40
50
20
40
60
80 100
160
140
120
DC
D=0.
0.
SIN
0.
0.
0.
0.
05
DC
D=0.
0.
SIN
0.
0.
0.
0.
05
D=tp/T
VR=20V
T
tp
IO
VR
Case Temperature Tc 〔℃〕
θ
θjcjc
θjc
10-4 10-3
10-2 10-1
10
10
102
10
10
0.01
0.1
f=1MHz
Tc=25℃
TYP
Per diode
Pulse measurement
Per diode
Pulse measurement
Per diode
Forward Voltage VF〔V〕
Average Rectified Forward Current IO〔A〕
Number of Cycles 〔cycle〕
Reverse Voltage VR〔V〕
Reverse Voltage VR〔V〕
Reverse Voltage VR〔V〕
Time t〔s〕
SG30SC4M
*Si
newaveは50Hzで測定しています。
*50Hzsi
newavei
susedf
ormeasur
ement
s.


Similar Part No. - SG30SC4M

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
SG30SC3LM SHINDENGEN-SG30SC3LM Datasheet
171Kb / 4P
   Schottky Barrier Diode
SG30SC6M SHINDENGEN-SG30SC6M Datasheet
453Kb / 2P
   Twin Diode
More results

Similar Description - SG30SC4M

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com