Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25640B-MEHL-T Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT25640B-MEHL-T
Description  serial electrically-erasable programmable read-only memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25640B-MEHL-T Datasheet(HTML) 2 Page - ATMEL Corporation

  AT25640B-MEHL-T Datasheet HTML 1Page - ATMEL Corporation AT25640B-MEHL-T Datasheet HTML 2Page - ATMEL Corporation AT25640B-MEHL-T Datasheet HTML 3Page - ATMEL Corporation AT25640B-MEHL-T Datasheet HTML 4Page - ATMEL Corporation AT25640B-MEHL-T Datasheet HTML 5Page - ATMEL Corporation AT25640B-MEHL-T Datasheet HTML 6Page - ATMEL Corporation AT25640B-MEHL-T Datasheet HTML 7Page - ATMEL Corporation AT25640B-MEHL-T Datasheet HTML 8Page - ATMEL Corporation AT25640B-MEHL-T Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
8535F–SEEPR–6/10
Atmel AT25320B/640B
Block write protection is enabled by programming the status register with one of four blocks of write protection.
Separate program enable and program disable instructions are provided for additional data protection. Hardware
data protection is provided via the WP pin to protect against inadvertent write attempts to the status register. The
HOLD pin may be used to suspend any serial communication without resetting the serial sequence.
1.
Absolute Maximum Ratings*
Figure 1-1.
Block Diagram
Operating Temperature ............................–55
C to +125C
*NOTICE:
Stresses beyond those listed under “Abso-
lute Maximum Ratings” may cause perma-
nent damage to the device. This is a stress
rating only and functional operation of the
device at these or any other conditions
beyond those indicated in the operational
sections of this specification is not implied.
Exposure to absolute maximum rating con-
ditions for extended periods may affect
device reliability.
Storage Temperature ...............................–65
C to +150C
Voltage on Any Pin
with Respect to Ground.............................. –1.0V to +7.0V
Maximum Operating Voltage.................................... 6.25V
DC Output Current ................................................. 5.0 mA


Similar Part No. - AT25640B-MEHL-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25640B-PUBULK ATMEL-AT25640B-PUBULK Datasheet
683Kb / 23P
   SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)
AT25640B-TH-B ATMEL-AT25640B-TH-B Datasheet
683Kb / 23P
   SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)
AT25640B-TH-T ATMEL-AT25640B-TH-T Datasheet
683Kb / 23P
   SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)
More results

Similar Description - AT25640B-MEHL-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
ATMEL Corporation
AD621ARZ ATMEL-AD621ARZ Datasheet
1Mb / 21P
   Three-wire Serial Electrically Erasable Programmable Read-only Memory
AT25010B ATMEL-AT25010B Datasheet
1Mb / 27P
   f serial electrically erasable able programmable read-only memory
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
logo
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com