Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA9520V Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LA9520V
Description  AV Coupler Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA9520V Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LA9520V Datasheet HTML 4Page - Sanyo Semicon Device LA9520V Datasheet HTML 5Page - Sanyo Semicon Device LA9520V Datasheet HTML 6Page - Sanyo Semicon Device LA9520V Datasheet HTML 7Page - Sanyo Semicon Device LA9520V Datasheet HTML 8Page - Sanyo Semicon Device LA9520V Datasheet HTML 9Page - Sanyo Semicon Device LA9520V Datasheet HTML 10Page - Sanyo Semicon Device LA9520V Datasheet HTML 11Page - Sanyo Semicon Device LA9520V Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
No. 6469-8/12
LA9520V
Continued from preceding page.
Pin No.
Pin
Voltage (V)
Function
Equivalent circuit
Mute detection
11
MUTE-DET
1.25
200
A13098
Video muting level adjustment
REG = 1.25 V
12
VIDEO-MUTE
ADJ
1.25
60k
A13099
Audio muting level adjustment
REG = 1.25 V
13
AUDIO-MUTE
ADJ
1.25
60k
A13100
Audio left channel output level adjustment
REG = 1.25 V
14
AUDIO-LOUT
ADJ
1.25
60k
A13101
Audio right channel output level adjustment
REG = 1.25 V
15
AUDIO-ROUT
ADJ
1.25
60k
A13102
Audio right channel input
16
AUDIO-RIN
2.2
1k
2.1V
A13103
Audio right channel deemphasis output
17
AUDIO-R
DEEMP-OUT
1.5
7.5k
A13104
Right channel phase shift
18
PHASE-SHIFT
Rch
3.1
10k
VCC
A13105
Left channel phase shift
* Pins 18 and 19 are used to connect ceramic
discriminators.
19
PHASE-SHIFT
Lch
3.1
10k
VCC
A13106
Continued on next page.


Similar Part No. - LA9520V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9511W SANYO-LA9511W Datasheet
155Kb / 13P
   AV Remote Coupler Transmitter
logo
LIGITEK electronics co....
LA95B-DBK.X-2-PF LIGITEK-LA95B-DBK.X-2-PF Datasheet
116Kb / 6P
   LED ARRAY
LA95B-DBK.X-PF LIGITEK-LA95B-DBK.X-PF Datasheet
109Kb / 6P
   LED ARRAY
LA95B-G.X-2-PF LIGITEK-LA95B-G.X-2-PF Datasheet
112Kb / 6P
   LED ARRAY
LA95B-G.X-PF LIGITEK-LA95B-G.X-PF Datasheet
109Kb / 6P
   LED ARRAY
More results

Similar Description - LA9520V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9511W SANYO-LA9511W Datasheet
155Kb / 13P
   AV Remote Coupler Transmitter
logo
Wolfson Microelectronic...
WM8777 WOLFSON-WM8777 Datasheet
1Mb / 102P
   24 BIT 192KHZ AV RECEIVER ON A CHIP
WM8777 WOLFSON-WM8777_05 Datasheet
1Mb / 103P
   24-bit, 192kHz AV Receiver on-a-Chip
logo
Toshiba Semiconductor
TA8742N TOSHIBA-TA8742N Datasheet
134Kb / 4P
   AV SWITCH
TA8628N TOSHIBA-TA8628N Datasheet
134Kb / 4P
   AV SWITCH
logo
New Japan Radio
NJM2298 NJRC-NJM2298 Datasheet
182Kb / 4P
   AV SWITCH AMPLIFIER
logo
Advanced Technical Mate...
AV06XX-XX ATM-AV06XX-XX Datasheet
48Kb / 1P
   AV/AF06 ATTENUATOR
logo
NIHON DEMPA KOGYO
NX5032GA NDK-NX5032GA_15 Datasheet
672Kb / 1P
   For OA / AV
logo
Panasonic Semiconductor
AN15861A PANASONIC-AN15861A Datasheet
719Kb / 8P
   AV Switch IC
logo
List of Unclassifed Man...
ZR36067 ETC-ZR36067 Datasheet
580Kb / 48P
   AV PCI CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com