Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG5S9M Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # SG5S9M
Description  Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

SG5S9M Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  SG5S9M Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd SG5S9M Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
J533-P2010.
06〉)
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
■特性図 CHARACTERI
STI
C DI
AGRAMS
順方向特性
Forward Voltage
0.
0.
30
10
20
0.
0.
0.
82
2.4
2.
1.
1.2
Tc=150℃(MAX)
Tc=150℃(TYP)
Tc=25℃(MAX)
Tc=25℃(TYP)
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
順電力損失曲線
Forward Power Dissipation
120
80
40
100
60
20
01
100
10
1cycle
10ms10ms
Sine wave
Non-repetitive
Tj=25℃
DC
D=0.
0.
0.
0.
0.
0.
05
SIN
DC
D=0.
0.
0.
0.
0.
0.
05
SIN
接合容量
Junction Capacitance
逆電力損失曲線
Reverse Power Dissipation
逆方向特性
Reverse Current
10
15
20
f=1MHz
Tc=25℃
TYP
過渡熱抵抗
Transient Thermal Impedance
10
0.1
0.5
0.2
Tj=150℃
D=tp/T
T
tp
IO
DC
D=0.
05
0.
0.
0.
0.
SIN
0.
DC
D=0.
05
0.
0.
0.
0.
SIN
0.
Tc=100℃(TYP)
Tc=150℃(TYP)
Tc=125℃(TYP)
Tc= 75℃(TYP)
Tc= 50℃(TYP)
Tc= 25℃(TYP)
Pulse measurement
Tj=150℃
D=tp/T
T
tp
VR
Pulse measurement
ディレーティングカーブ Tc-Io
Derating Curve Tc-Io
20
40
60
80 100
160
140
120
DC
D=0.
0.
SIN
0.
0.
0.
0.
05
DC
D=0.
0.
SIN
0.
0.
0.
0.
05
D=tp/T
VR=45V
T
tp
IO
VR
12
45
θ
θjcjc
θjc
5000
10
1000
100
500
50
2000
200
20
20
40
80
100
60
20
80
100
40
60
0.
90
10
0.
20
0.
50
0.00010.001
0.01
0.1
1000
100
10
Forward Voltage VF〔V〕
Average Rectified Forward Current IO〔A〕
Number of Cycles 〔cycle〕
Reverse Voltage VR〔V〕
Reverse Voltage VR〔V〕
Reverse Voltage VR〔V〕
Case Temperature Tc 〔℃〕
Time t〔s〕
1000
0.
01
0.
001
0.
100
10
SG5S9M
*Si
newaveは50Hzで測定しています。
*50Hzsi
newavei
susedf
ormeasur
ement
s.


Similar Part No. - SG5S9M

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
SG5S009V1A1 JAE-SG5S009V1A1 Datasheet
276Kb / 7P
   Sockets/Memory Products
logo
Shindengen Electric Mfg...
SG5S4M SHINDENGEN-SG5S4M Datasheet
145Kb / 2P
   Schottky Barrier Diode
SG5S6M SHINDENGEN-SG5S6M Datasheet
146Kb / 2P
   Schottky Barrier Diode
More results

Similar Description - SG5S9M

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com