Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25320B-SSHL-B Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT25320B-SSHL-B
Description  serial electrically-erasable programmable read-only memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25320B-SSHL-B Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT25320B-SSHL-B Datasheet HTML 4Page - ATMEL Corporation AT25320B-SSHL-B Datasheet HTML 5Page - ATMEL Corporation AT25320B-SSHL-B Datasheet HTML 6Page - ATMEL Corporation AT25320B-SSHL-B Datasheet HTML 7Page - ATMEL Corporation AT25320B-SSHL-B Datasheet HTML 8Page - ATMEL Corporation AT25320B-SSHL-B Datasheet HTML 9Page - ATMEL Corporation AT25320B-SSHL-B Datasheet HTML 10Page - ATMEL Corporation AT25320B-SSHL-B Datasheet HTML 11Page - ATMEL Corporation AT25320B-SSHL-B Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
8535F–SEEPR–6/10
Atmel AT25320B/640B
WRITE STATUS REGISTER (WRSR): The WRSR instruction allows the user to select one of four levels of protec-
tion. The Atmel® AT25320B/640B is divided into four array segments. One-quarter, one-half, or all of the memory
segments can be protected. Any of the data within any selected segment will therefore be read only. The block
write protection levels and corresponding status register control bits are shown in Table 3-4 on page 8.
The three bits BP0, BP1, and WPEN are nonvolatile cells that have the same properties and functions as the regu-
lar memory cells (e.g., WREN, t
WC, RDSR).
The WRSR instruction also allows the user to enable or disable the write protect (WP) pin through the use of the
Write Protect Enable (WPEN) bit. Hardware write protection is enabled when the WP pin is low and the WPEN bit
is “1”. Hardware write protection is disabled when either the WP pin is high or the WPEN bit is “0”. When the device
is hardware write protected, writes to the status register, including the block protect bits and the WPEN bit, and the
block-protected sections in the memory array are disabled. Writes are only allowed to sections of the memory that
are not block-protected.
Note:
When the WPEN bit is hardware write protected, it cannot be changed back to “0” as long as the WP pin is held low.
READ SEQUENCE (READ): Reading the AT25320B/640B via the Serial Output (SO) pin requires the following
sequence. After the CS line is pulled low to select a device, the read op-code is transmitted via the SI line followed
by the byte address to be read (A15A0, see Table 3-6). Upon completion, any data on the SI line will be ignored.
The data (D7D0) at the specified address is then shifted out onto the SO line. If only one byte is to be read, the CS
line should be driven high after the data comes out. The read sequence can be continued since the byte address is
automatically incremented and data will continue to be shifted out. When the highest address is reached, the
address counter will roll over to the lowest address allowing the entire memory to be read in one continuous read
cycle.
Table 3-4.
Block Write Protect Bits
Level
Status Register Bits
Array Addresses Protected
BP1
BP0
Atmel AT25320B
Atmel AT25640B
0
0
0
None
None
1(1/4)
0
1
0C00
0FFF
1800
1FFF
2(1/2)
1
0
0800
0FFF
1000
1FFF
3(All)
1
1
0000
0FFF
0000
1FFF
Table 3-5.
WPEN Operation
WPEN
WP
WEN
Protected
Blocks
Unprotected
Blocks
Status
Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writeable
Writeable
1
Low
0
Protected
Protected
Protected
1
Low
1
Protected
Writeable
Protected
X
High
0
Protected
Protected
Protected
X
High
1
Protected
Writeable
Writeable


Similar Part No. - AT25320B-SSHL-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25320B-PU ATMEL-AT25320B-PU Datasheet
683Kb / 23P
   SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)
AT25320B-TH-B ATMEL-AT25320B-TH-B Datasheet
683Kb / 23P
   SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)
AT25320B-TH-T ATMEL-AT25320B-TH-T Datasheet
683Kb / 23P
   SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)
More results

Similar Description - AT25320B-SSHL-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
ATMEL Corporation
AD621ARZ ATMEL-AD621ARZ Datasheet
1Mb / 21P
   Three-wire Serial Electrically Erasable Programmable Read-only Memory
AT25010B ATMEL-AT25010B Datasheet
1Mb / 27P
   f serial electrically erasable able programmable read-only memory
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
logo
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com