Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT25320B Datasheet(PDF) 3 Page - ATMEL Corporation

Part No. AT25320B
Description  serial electrically-erasable programmable read-only memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25320B Datasheet(HTML) 3 Page - ATMEL Corporation

  AT25320B_10 Datasheet HTML 1Page - ATMEL Corporation AT25320B_10 Datasheet HTML 2Page - ATMEL Corporation AT25320B_10 Datasheet HTML 3Page - ATMEL Corporation AT25320B_10 Datasheet HTML 4Page - ATMEL Corporation AT25320B_10 Datasheet HTML 5Page - ATMEL Corporation AT25320B_10 Datasheet HTML 6Page - ATMEL Corporation AT25320B_10 Datasheet HTML 7Page - ATMEL Corporation AT25320B_10 Datasheet HTML 8Page - ATMEL Corporation AT25320B_10 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
8535F–SEEPR–6/10
Atmel AT25320B/640B
Table 1-1.
Pin Capacitance(1)
Note:
1. This parameter is characterized and is not 100% tested
Table 1-2.
DC Characteristics
Notes:
1. V
IL min and VIH max are reference only and are not tested
2. Worst case measured at 85
°C
Applicable over recommended operating range from T
A = 25°C, f = 1.0MHz, VCC = +5.0V (unless otherwise noted)
Symbol
Test Conditions
Max
Units
Conditions
C
OUT
Output Capacitance (SO)
8
pF
V
OUT =0V
C
IN
Input Capacitance (CS, SCK, SI, WP, HOLD)
6
pF
V
IN =0V
Applicable over recommended operating range from: T
AI = 40°C to +85C, VCC = +1.8V to +5.5V (unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
V
CC1
Supply Voltage
1.8
5.5
V
V
CC2
Supply Voltage
2.5
5.5
V
V
CC3
Supply Voltage
4.5
5.5
V
I
CC1
Supply Current
V
CC = 5.0V at 20MHz, SO = Open, Read
7.5
10.0
mA
I
CC2
Supply Current
V
CC = 5.0V at 20MHz, SO = Open, Read,
Write
4.0
10.0
mA
I
CC3
Supply Current
V
CC = 5.0V at 5MHz, SO = Open,
Read, Write
4.0
6.0
mA
I
SB1
Standby Current
V
CC = 1.8V, CS = VCC
< 0.1
6.0(2)
µA
I
SB2
Standby Current
V
CC = 2.5V, CS = VCC
0.3
7.0(2)
µA
I
SB3
Standby Current
V
CC = 5.0V, CS = VCC
2.0
10.0(2)
µA
I
IL
Input Leakage
V
IN =0VtoVCC
–3.0
3.0
µA
I
OL
Output Leakage
V
IN =0VtoVCC,TAC = 0°C to 70°C
–3.0
3.0
µA
V
IL
(1)
Input Low-voltage
–0.6
V
CC x 0.3
V
V
IH
(1)
Input High-voltage
V
CC x 0.7
V
CC + 0.5
V
V
OL1
Output Low-voltage
3.6V
 V
CC  5.5V
I
OL = 3.0mA
0.4
V
V
OH1
Output High-voltage
I
OH = 1.6mA
V
CC - 0.8
V
V
OL2
Output Low-voltage
1.8V
 V
CC  3.6V
I
OL = 0.15mA
0.2
V
V
OH2
Output High-voltage
I
OH = 100µA
V
CC - 0.2
V


Similar Part No. - AT25320B_10

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT25320B ATMEL-AT25320B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
More results

Similar Description - AT25320B_10

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
Motorola, Inc
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
ATMEL Corporation
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AD621ARZ ATMEL-AD621ARZ Datasheet
1Mb / 21P
   Three-wire Serial Electrically Erasable Programmable Read-only Memory
AT25010B ATMEL-AT25010B Datasheet
1Mb / 27P
   f serial electrically erasable able programmable read-only memory
Renesas Technology Corp
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
ATMEL Corporation
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
Renesas Technology Corp
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
ATMEL Corporation
ATMEL Corporation
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz