Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT25320B Datasheet(PDF) 1 Page - ATMEL Corporation

Part No. AT25320B
Description  serial electrically-erasable programmable read-only memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25320B Datasheet(HTML) 1 Page - ATMEL Corporation

  AT25320B_10 Datasheet HTML 1Page - ATMEL Corporation AT25320B_10 Datasheet HTML 2Page - ATMEL Corporation AT25320B_10 Datasheet HTML 3Page - ATMEL Corporation AT25320B_10 Datasheet HTML 4Page - ATMEL Corporation AT25320B_10 Datasheet HTML 5Page - ATMEL Corporation AT25320B_10 Datasheet HTML 6Page - ATMEL Corporation AT25320B_10 Datasheet HTML 7Page - ATMEL Corporation AT25320B_10 Datasheet HTML 8Page - ATMEL Corporation AT25320B_10 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Features
Serial Peripheral Interface (SPI) Compatible
Supports SPI Modes 0 (0,0) and 3 (1,1)
– Datasheet Describes Mode 0 Operation
Low-voltage and Standard-voltage Operation
– 1.8 (V
CC = 1.8V to 5.5V)
20MHz Clock Rate (5V)
32-byte Page Mode
Block Write Protection
– Protect 1/4, 1/2, or Entire Array
Write Protect (WP) Pin and Write Disable Instructions for Both Hardware and Software
Data Protection
Self-timed Write Cycle (5ms max)
High Reliability
– Endurance: One Million Write Cycles
– Data Retention: 100 Years
Green (Pb/Halide-free/RoHS Compliant) Packaging Options
Die Sales: Wafer Form, Tape and Reel, and Bumped Wafers
Description
The Atmel® AT25320B/640B provides 32768-/65536-bits of serial electrically-erasable
programmable read-only memory (EEPROM) organized as 4096/8192 words of 8-bits
each. The device is optimized for use in many industrial and commercial applications
where low-power and low-voltage operation are essential. The AT25320B/640B is
available in space-saving 8-lead JEDEC SOIC, 8-lead UDFN, 8-lead XDFN, 8-lead
TSSOP, and 8-ball VFBGA packages.
The AT25320B/640B is enabled through the Chip Select pin (CS) and accessed via a
three-wire interface consisting of Serial Data Input (SI), Serial Data Output (SO), and
Serial Clock (SCK). All programming cycles are completely self-timed, and no sepa-
rate erase cycle is required before write.
Table 0-1.
Pin Configuration
Pin Name
Function
CS
Chip Select
SCK
Serial Data Clock
SI
Serial Data Input
SO
Serial Data Output
GND
Ground
VCC
Power Supply
WP
Write Protect
HOLD
Suspends Serial Input
VCC
HOLD
SCK
SI
CS
SO
WP
GND
4
3
2
1
5
6
7
8
8-lead UDFN
Bottom View
CS
SO
WP
GND
1
2
3
4
8
7
6
5
8-lead SOIC
VCC
HOLD
SCK
SI
8-lead TSSOP
1
2
3
4
8
7
6
5
CS
SO
WP
GND
VCC
HOLD
SCK
SI
VCC
HOLD
SCK
SI
CS
SO
WP
GND
1
2
3
4
8
7
6
5
8-ball VFBGA
Bottom View
VCC
HOLD
SCK
SI
CS
SO
WP
GND
4
3
2
1
5
6
7
8
8-lead XDFN
Bottom View
SPI Serial
EEPROMs
32K (4096 x 8)
64K (8192 x 8)
Atmel
AT25320B
AT25640B
8535F–SEEPR–6/10


Similar Part No. - AT25320B_10

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT25320B ATMEL-AT25320B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
More results

Similar Description - AT25320B_10

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
Motorola, Inc
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
ATMEL Corporation
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AD621ARZ ATMEL-AD621ARZ Datasheet
1Mb / 21P
   Three-wire Serial Electrically Erasable Programmable Read-only Memory
AT25010B ATMEL-AT25010B Datasheet
1Mb / 27P
   f serial electrically erasable able programmable read-only memory
Renesas Technology Corp
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
ATMEL Corporation
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
Renesas Technology Corp
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
ATMEL Corporation
ATMEL Corporation
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz