Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT25128B Datasheet(PDF) 5 Page - ATMEL Corporation

Part No. AT25128B
Description  serial electrically-erasable programmable read only memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25128B Datasheet(HTML) 5 Page - ATMEL Corporation

  AT25128B Datasheet HTML 1Page - ATMEL Corporation AT25128B Datasheet HTML 2Page - ATMEL Corporation AT25128B Datasheet HTML 3Page - ATMEL Corporation AT25128B Datasheet HTML 4Page - ATMEL Corporation AT25128B Datasheet HTML 5Page - ATMEL Corporation AT25128B Datasheet HTML 6Page - ATMEL Corporation AT25128B Datasheet HTML 7Page - ATMEL Corporation AT25128B Datasheet HTML 8Page - ATMEL Corporation AT25128B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
8698B–SEEPR–3/10
AT25128B/256B
Notes:
1. This parameter is characterized and is not 100% tested. Contact Atmel for further information.
2.
Serial Interface Description
MASTER: The device that generates the serial clock.
SLAVE: Because the serial clock pin (SCK) is always an input, the AT25128B/256B always operates as a slave.
TRANSMITTER/RECEIVER: The AT25128B/256B has separate pins designated for data transmission (SO) and
reception (SI).
MSB: The Most Significant Bit (MSB) is the first bit transmitted and received.
SERIAL-OP CODE: After the device is selected with CS going low, the first byte will be received. This byte con-
tains the op-code that defines the operations to be performed.
INVALID OP-CODE: If an invalid op-code is received, no data will be shifted into the AT25128B/256B, and the
serial output pin (SO) will remain in a high impedance state until the falling edge of CS is detected again. This will
reinitialize the serial communication.
CHIP SELECT: The AT25128B/256B is selected when the CS pin is low. When the device is not selected, data will
not be accepted via the SI pin, and the serial output pin (SO) will remain in a high impedance state.
HOLD: The HOLD pin is used in conjunction with the CS pin to select the AT25128B/256B. When the device is
selected and a serial sequence is underway, HOLD can be used to pause the serial communication with the mas-
ter device without resetting the serial sequence. To pause, the HOLD pin must be brought low while the SCK pin is
low. To resume serial communication, the HOLD pin is brought high while the SCK pin is low (SCK may still toggle
during HOLD). Inputs to the SI pin will be ignored while the SO pin is in the high impedance state.
WRITE PROTECT: The write protect pin (WP) will allow normal read/write operations when held high. When the
WP pin is brought low and WPEN bit is “1”, all write operations to the status register are inhibited. WP going low
while CS is still low will interrupt a write to the status register. If the internal write cycle has already been initiated,
WP going low will have no effect on any write operation to the status register. The WP pin function is blocked when
the WPEN bit in the status register is “0”. This will allow the user to install the AT25128B/256B in a system with the
WP pin tied to ground and still be able to write to the status register. All WP pin functions are enabled when the
WPEN bit is set to “1”.
t
LZ
HOLD to Output Low Z
4.5–5.5
2.5–5.5
1.8–5.5
0
0
0
25
50
100
ns
t
HZ
HOLD to Output High Z
4.5–5.5
2.5–5.5
1.8–5.5
25
50
100
ns
t
DIS
Output Disable Time
4.5–5.5
2.5–5.5
1.8–5.5
25
50
100
ns
t
WC
Write Cycle Time
4.5–5.5
2.5–5.5
1.8–5.5
5
5
5
ms
Endurance
(1)
3.3V, 25°C, Page Mode
1M
Write Cycles
Table 1-3.
AC Characteristics (Continued)
Applicable over recommended operating range from T
A = 40°C to + 85°C, VCC = As Specified,
CL = 1 TTL Gate and 30 pF (unless otherwise noted)
Symbol
Parameter
Voltage
Min
Max
Units


Similar Part No. - AT25128B

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT25128B ATMEL-AT25128B_14 Datasheet
770Kb / 22P
   SPI Serial EEPROM
More results

Similar Description - AT25128B

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
Motorola, Inc
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
ATMEL Corporation
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AD621ARZ ATMEL-AD621ARZ Datasheet
1Mb / 21P
   Three-wire Serial Electrically Erasable Programmable Read-only Memory
AT25010B ATMEL-AT25010B Datasheet
1Mb / 27P
   f serial electrically erasable able programmable read-only memory
Renesas Technology Corp
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
ATMEL Corporation
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
Renesas Technology Corp
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
ATMEL Corporation
ATMEL Corporation
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz