Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT25128B Datasheet(PDF) 9 Page - ATMEL Corporation

Part No. AT25128B
Description  serial electrically-erasable programmable read only memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25128B Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT25128B Datasheet HTML 5Page - ATMEL Corporation AT25128B Datasheet HTML 6Page - ATMEL Corporation AT25128B Datasheet HTML 7Page - ATMEL Corporation AT25128B Datasheet HTML 8Page - ATMEL Corporation AT25128B Datasheet HTML 9Page - ATMEL Corporation AT25128B Datasheet HTML 10Page - ATMEL Corporation AT25128B Datasheet HTML 11Page - ATMEL Corporation AT25128B Datasheet HTML 12Page - ATMEL Corporation AT25128B Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
8698B–SEEPR–3/10
AT25128B/256B
WRITE SEQUENCE (WRITE): In order to program the AT25128B/256B, two separate instructions must be exe-
cuted. First, the device must be write enabled via the Write Enable (WREN) Instruction. Then a Write instruction
may be executed. Also, the address of the memory location(s) to be programmed must be outside the protected
address field location selected by the Block Write Protection Level. During an internal write cycle, all commands
will be ignored except the RDSR instruction.
A Write Instruction requires the following sequence. After the CS line is pulled low to select the device, the Write
op-code is transmitted via the SI line followed by the byte address and the data (D7 - D0) to be programmed (see
Table 2-6 for the address key). Programming will start after the CS pin is brought high. (The Low-to-High transition
of the CS pin must occur during the SCK low time immediately after clocking in the D0 (LSB) data bit.
The Ready/Busy status of the device can be determined by initiating a Read Status Register (RDSR) Instruction. If
Bit 0 = 1, the Write cycle is still in progress. If Bit 0 = 0, the Write cycle has ended. Only the Read Status Register
instruction is enabled during the Write programming cycle.
The AT25128B/256B is capable of a 64-byte Page Write operation. After each byte of data is received, the six low
order address bits are internally incremented by one; the high order bits of the address will remain constant. If
more than 64 bytes of data are transmitted, the address counter will roll over and the previously written data will be
overwritten. The AT25128B/256B is automatically returned to the write disable state at the completion of a Write
cycle.
Note:
If the device is not write enabled (WREN), the device will ignore the Write instruction and will return to the standby
state, when CS is brought high. A new CS falling edge is required to re-initiate the serial communication.
Table 3-6.
Address Key
Address
AT25128B
AT25256B
A
N
A
13 −A0
A
14 −A0
Don’t Care Bits
A
15 −A14
A
15


Similar Part No. - AT25128B

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT25128B ATMEL-AT25128B_14 Datasheet
770Kb / 22P
   SPI Serial EEPROM
More results

Similar Description - AT25128B

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
Motorola, Inc
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
ATMEL Corporation
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AD621ARZ ATMEL-AD621ARZ Datasheet
1Mb / 21P
   Three-wire Serial Electrically Erasable Programmable Read-only Memory
AT25010B ATMEL-AT25010B Datasheet
1Mb / 27P
   f serial electrically erasable able programmable read-only memory
Renesas Technology Corp
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
ATMEL Corporation
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
Renesas Technology Corp
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
ATMEL Corporation
ATMEL Corporation
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz