Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT25128B Datasheet(PDF) 8 Page - ATMEL Corporation

Part No. AT25128B
Description  serial electrically-erasable programmable read only memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25128B Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT25128B Datasheet HTML 4Page - ATMEL Corporation AT25128B Datasheet HTML 5Page - ATMEL Corporation AT25128B Datasheet HTML 6Page - ATMEL Corporation AT25128B Datasheet HTML 7Page - ATMEL Corporation AT25128B Datasheet HTML 8Page - ATMEL Corporation AT25128B Datasheet HTML 9Page - ATMEL Corporation AT25128B Datasheet HTML 10Page - ATMEL Corporation AT25128B Datasheet HTML 11Page - ATMEL Corporation AT25128B Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
8698B–SEEPR–3/10
AT25128B/256B
WRITE STATUS REGISTER (WRSR):
The WRSR instruction allows the user to select one of four levels of protection.
The AT25128B/256B is divided into four array segments. Top quarter (1/4), top half (1/2), or all of the memory seg-
ments can be protected. Any of the data within any selected segment will therefore be read only. The block write
protection levels and corresponding status register control bits are shown in Table 2-4.
The three bits, BP0, BP1, and WPEN are nonvolatile cells that have the same properties and functions as the reg-
ular memory cells (e.g. WREN, tWC, RDSR)
Table 3-4.
Block Write Protect Bits.
The WRSR instruction also allows the user to enable or disable the write protect (WP) pin through the use of the
write protect enable (WPEN) bit. Hardware write protection is enabled when the WP pin is low and the WPEN bit is
“1”. Hardware write protection is disabled when either the WP pin is high or the WPEN bit is “0”. When the device is
hardware write protected, writes to the Status Register, including the Block Protect bits and the WPEN bit, and the
blockprotected sections in the memory array are disabled. Writes are only allowed to sections of the memory which
are not block-protected.
Note:
When the WPEN bit is hardware write protected, it cannot be changed back to “0”, as long as the WP pin is held low.
Table 3-5.
WPEN Operation
READ SEQUENCE (READ): Reading the AT25128B/256B via the SO pin requires the following sequence. After
the CS line is pulled low to select a device, the Read op-code is transmitted via the SI line followed by the byte
address to be read (Table 2-6). Upon completion, any data on the SI line will be ignored. The data (D7 - D0) at the
specified address is then shifted out onto the SO line. If only one byte is to be read, the CS line should be driven
high after the data comes out. The read sequence can be continued since the byte address is automatically incre-
mented and data will continue to be shifted out. When the highest address is reached, the address counter will roll
over to the lowest address allowing the entire memory to be read in one continuous read cycle.
Level
Status Register Bits
Array Addresses Protected
BP1
BP0
AT25128B
AT25256B
0
0
0
None
None
1 (1/4)
0
1
3000 – 3FFF
6000 – 7FFF
2 (1/2)
1
0
2000 – 3FFF
4000 – 7FFF
3 (All)
1
1
0000 – 3FFF
0000 – 7FFF
WPEN
WP
WEN
Protected Blocks
Unprotected
Blocks
Status Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
Low
0
Protected
Protected
Protected
1
Low
1
Protected
Writable
Protected
X
High
0
Protected
Protected
Protected
X
High
1
Protected
Writable
Writable


Similar Part No. - AT25128B

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT25128B ATMEL-AT25128B_14 Datasheet
770Kb / 22P
   SPI Serial EEPROM
More results

Similar Description - AT25128B

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
Motorola, Inc
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
ATMEL Corporation
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AD621ARZ ATMEL-AD621ARZ Datasheet
1Mb / 21P
   Three-wire Serial Electrically Erasable Programmable Read-only Memory
AT25010B ATMEL-AT25010B Datasheet
1Mb / 27P
   f serial electrically erasable able programmable read-only memory
Renesas Technology Corp
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
ATMEL Corporation
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
Renesas Technology Corp
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
ATMEL Corporation
ATMEL Corporation
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz