Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25128B Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT25128B
Description  serial electrically-erasable programmable read only memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25128B Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT25128B Datasheet HTML 3Page - ATMEL Corporation AT25128B Datasheet HTML 4Page - ATMEL Corporation AT25128B Datasheet HTML 5Page - ATMEL Corporation AT25128B Datasheet HTML 6Page - ATMEL Corporation AT25128B Datasheet HTML 7Page - ATMEL Corporation AT25128B Datasheet HTML 8Page - ATMEL Corporation AT25128B Datasheet HTML 9Page - ATMEL Corporation AT25128B Datasheet HTML 10Page - ATMEL Corporation AT25128B Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
8698B–SEEPR–3/10
AT25128B/256B
3.
Functional Description
The AT25128B/256B is designed to interface directly with the synchronous serial peripheral interface (SPI) of the
6800 type series of microcontrollers.
The AT25128B/256B utilizes an 8-bit instruction register. The list of instructions and their operation codes are con-
tained in Table 3-1. All instructions, addresses, and data are transferred with the MSB first and start with a high-to-
low CS transition.
Table 3-1.
Instruction Set for the AT25128B/256B
WRITE ENABLE (WREN): The device will power-up in the write disable state when VCC is applied. All program-
ming instructions must therefore be preceded by a Write Enable instruction.
WRITE DISABLE (WRDI): To protect the device against inadvertent writes, the Write Disable instruction disables
all programming modes. The WRDI instruction is independent of the status of the WP pin.
READ STATUS REGISTER (RDSR): The Read Status Register instruction provides access to the status register.
The Ready/Busy and Write Enable status of the device can be determined by the RDSR instruction. Similarly, the
Block Write Protection bits indicate the extent of protection employed. These bits are set by using the WRSR
instruction.
Table 3-2.
Status Register Format
Table 3-3.
Read Status Register Bit Definition
Instruction Name
Instruction Format
Operation
WREN
0000 X110
Set Write Enable Latch
WRDI
0000 X100
Reset Write Enable Register
RDSR
0000 X101
Read Status Register
WRSR
0000 X001
Write Status Register
READ
0000 X011
Read Data from Memory Array
WRITE
0000 X 010
Write Data to Memory Array
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WPEN
X
X
X
BP1
BP0
WEN
RDY
Bit
Definition
Bit0(RDY)
Bit 0 = “0” (RDY) indicates the device is ready.
Bit 0 = “1” indicates the write cycle is in progress.
Bit 1 (WEN)
Bit1=0 indicates the device is not write enabled.
Bit 1 = “1” indicates the device is write enabled.
Bit 2 (BP0)
See Table 2-4 on page 9.
Bit 3 (BP1)
See Table 2-4 on page 9.
Bits4–6are 0s when device is not an internal write cycle.
Bit 7 (WPEN)
See Table 3-5 on page 8
Bits0–7are “1”s during an internal write cycle.


Similar Part No. - AT25128B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25128B ATMEL-AT25128B_14 Datasheet
770Kb / 22P
   SPI Serial EEPROM
More results

Similar Description - AT25128B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
ATMEL Corporation
AD621ARZ ATMEL-AD621ARZ Datasheet
1Mb / 21P
   Three-wire Serial Electrically Erasable Programmable Read-only Memory
AT25010B ATMEL-AT25010B Datasheet
1Mb / 27P
   f serial electrically erasable able programmable read-only memory
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
logo
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com