Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA9241M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA9241M
Description  Analog Signal Processor ASP for CD players
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA9241M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA9241M Datasheet HTML 1Page - Sanyo Semicon Device LA9241M Datasheet HTML 2Page - Sanyo Semicon Device LA9241M Datasheet HTML 3Page - Sanyo Semicon Device LA9241M Datasheet HTML 4Page - Sanyo Semicon Device LA9241M Datasheet HTML 5Page - Sanyo Semicon Device LA9241M Datasheet HTML 6Page - Sanyo Semicon Device LA9241M Datasheet HTML 7Page - Sanyo Semicon Device LA9241M Datasheet HTML 8Page - Sanyo Semicon Device LA9241M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Analog Signal Processor (ASP)
for CD players
Overview
The LA9241M is an analog signal processing and servo control
bipolar IC designed for use in compact disc players; a compact
disc player can be configured by combining this IC with a
CD-DSP such as the LC78622E and LC78620E, with a small
number of additional components required.
Functions
I/V amplifier, RF amplifier (with AGC), SLC, APC, FE, TE
(with VCA and auto-balance function), focus servo amplifier
(with offset cancellation function), tracking servo amplifier
(with offset cancellation function), spindle servo amplifier
(with gain switching function), sled servo amplifier (with off
function), focus detection (DRF, FZD), track detection (HFL,
TES), defect detection, and shock detection.
Features
.
The following automatic adjustment functions are built in.
.
Focus offset auto cancel: FE (pin 20)
.
Tracking offset auto cancel: TE (pin 7)
.
EF balance auto adjustment
.
RF level AGC function
.
Tracking servo gain RF level following function
.
Focus search smoothing setting pin: FSC (pin 46)
.
EF balance adjustment variable range setting pin: (pin 47)
.
Focus search mode switching pin: (pin 55)
Package Dimensions
unit : mm
3159-QFP64E
[LA9241M]
SANYO : QFP64E
Specifications
Maximum Ratings at Ta = 25°C, Pins 22, 45 = GND
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
Pin 56, 64
7
V
Allowable power dissipation
Pd max
350
mW
Operating temperature
Topr
–25 to +75
°C
Storage temperature
Tstg
–40 to +150
°C
Ordering number: EN 5564
Monolithic Linear IC
LA9241M
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
13097HA(II)/83096HA(II) No.5564 - 1/21


Similar Part No. - LA9241M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9240M SANYO-LA9240M Datasheet
321Kb / 20P
   Analog Signal Processor (ASP) for CD players
LA9242M SANYO-LA9242M Datasheet
150Kb / 20P
   Analog Signal Processor ASP for CD Players
LA9247T SANYO-LA9247T Datasheet
83Kb / 6P
   CD-ROM Digital Servo RF IC
More results

Similar Description - LA9241M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9230M SANYO-LA9230M Datasheet
227Kb / 20P
   Analog Signal Processor ASP for CD players
LA9233M SANYO-LA9233M Datasheet
397Kb / 20P
   Analog Signal Processor ASP for CD players?
LA9211M SANYO-LA9211M Datasheet
97Kb / 1P
   ASP (Analog Signal Processor) for CD Players
LA9240M SANYO-LA9240M Datasheet
321Kb / 20P
   Analog Signal Processor (ASP) for CD players
LA9242M SANYO-LA9242M Datasheet
150Kb / 20P
   Analog Signal Processor ASP for CD Players
LA9220M SANYO-LA9220M Datasheet
413Kb / 21P
   Analog Signal Processing Circuit (ASP) for CD players
LA9210M SANYO-LA9210M Datasheet
284Kb / 14P
   Analog Signal Processor for CD Players
LA9251M SANYO-LA9251M Datasheet
152Kb / 17P
   CD Player Analog Signal Processor (ASP)
LA9250M SANYO-LA9250M Datasheet
152Kb / 17P
   CD Player Analog Signal Processor (ASP)
LV1605M SANYO-LV1605M Datasheet
246Kb / 24P
   Monolithic Linear IC Analog Signal Processor for CD Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com