Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT24C32D Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT24C32D
Description  electrically erasable and programmable read only memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C32D Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT24C32D Datasheet HTML 17Page - ATMEL Corporation AT24C32D Datasheet HTML 18Page - ATMEL Corporation AT24C32D Datasheet HTML 19Page - ATMEL Corporation AT24C32D Datasheet HTML 20Page - ATMEL Corporation AT24C32D Datasheet HTML 21Page - ATMEL Corporation AT24C32D Datasheet HTML 22Page - ATMEL Corporation AT24C32D Datasheet HTML 23Page - ATMEL Corporation AT24C32D Datasheet HTML 24Page - ATMEL Corporation AT24C32D Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21
8717B–SEEPR–6/10
Atmel AT24C32D/64D
8Y6 – MLP
Package Drawing Contact:
packagedrawings@atmel.com
DRAWING NO.
GPC
REV.
TITLE
8Y6
YNZ
E
11/21/08
8Y6, 8-lead, 2.0x3.0mm Body, 0.50mm Pitch,
UltraThin Mini-MAP, Dual No Lead Package
(Sawn)(UDFN)
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
1.40
0.00
0.20
0.20
D
E
D2
E2
A
A1
A2
A3
L
e
b
2.00 BSC
3.00 BSC
1.50
0.02
0.20 REF
0.30
0.50 BSC
0.25
1.60
1.40
0.60
0.05
0.55
0.40
0.30
2
A2
Pin 1
Index
Area
A3
D
b
(8X)
Pin 1 ID
A1
A
L (8X)
e (6X)
1.50 REF.
D2
Notes: 1. This drawing is for general information only. Refer to
JEDEC Drawing MO-229, for proper dimensions,
tolerances, datums, etc.
2. Dimension b applies to metallized terminal and is
measured between 0.15mm and 0.30mm from the
terminal tip. If the terminal has the optional radius on the
other end of the terminal, the dimension should not be
measured in that radius area.
3. Soldering the large thermal pad is optional, but not
recommended.
No
electrical
connection
is
accomplished to the device through this pad, so if
soldered it should be tied to ground


Similar Part No. - AT24C32D

ManufacturerPart #DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT24C32D-CUM-T ATMEL-AT24C32D-CUM-T Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C32D-MAHM-T ATMEL-AT24C32D-MAHM-T Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C32D-MEHM-T ATMEL-AT24C32D-MEHM-T Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C32D-SSHM-B ATMEL-AT24C32D-SSHM-B Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C32D-SSHM-T ATMEL-AT24C32D-SSHM-T Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
More results

Similar Description - AT24C32D

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
Motorola, Inc
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
ATMEL Corporation
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
NEC
NEC
UPD28C64 NEC-UPD28C64 Datasheet
250Kb / 10P
   65536-Bit Electrically Erasable And Programmable Read-Only Memory
Renesas Technology Corp
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
ATMEL Corporation
ATMEL Corporation
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
Renesas Technology Corp
Renesas Technology Corp
R1EX25002ASA00I RENESAS-R1EX25002ASA00I Datasheet
764Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com