Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT24C32D Datasheet(PDF) 12 Page - ATMEL Corporation

Part No. AT24C32D
Description  electrically erasable and programmable read only memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C32D Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT24C32D Datasheet HTML 8Page - ATMEL Corporation AT24C32D Datasheet HTML 9Page - ATMEL Corporation AT24C32D Datasheet HTML 10Page - ATMEL Corporation AT24C32D Datasheet HTML 11Page - ATMEL Corporation AT24C32D Datasheet HTML 12Page - ATMEL Corporation AT24C32D Datasheet HTML 13Page - ATMEL Corporation AT24C32D Datasheet HTML 14Page - ATMEL Corporation AT24C32D Datasheet HTML 15Page - ATMEL Corporation AT24C32D Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
12
8717B–SEEPR–6/10
Atmel AT24C32D/64D
8.
Ordering Code Detail
Atmel Designator
Product Family
Device Revision
Shipping Carrier Option
Package Device Grade or
Wafer/Die Thickness
Package Option
Device Density
32 = 32k
64 = 64k
B or blank = Bulk (tubes)
T= Tape and reel
Operating Voltage
M = 1.7V to 5.5V
H = Green, NiPdAu lead finish
Industrial Temperature range
(-40°C to +85°C)
U = Green, matte Sn lead finish
Industrial Temperature range
(-40°C to +85°C)
11= 11mil wafer thickness
SS
= JEDEC SOIC
X
= TSSOP
MA
= UDFN
ME
= XDFN
ST
= SOT23
C
= VFBGA
WWU= Wafer unsawn
WDT = Die in Tape and Reel
A T24C32D-SSHM-B


Similar Part No. - AT24C32D

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT24C32D-CUM-T ATMEL-AT24C32D-CUM-T Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C32D-MAHM-T ATMEL-AT24C32D-MAHM-T Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C32D-MEHM-T ATMEL-AT24C32D-MEHM-T Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C32D-SSHM-B ATMEL-AT24C32D-SSHM-B Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C32D-SSHM-T ATMEL-AT24C32D-SSHM-T Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
More results

Similar Description - AT24C32D

ManufacturerPart No.DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
Motorola, Inc
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
ATMEL Corporation
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
NEC
NEC
UPD28C64 NEC-UPD28C64 Datasheet
250Kb / 10P
   65536-Bit Electrically Erasable And Programmable Read-Only Memory
Renesas Technology Corp
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
ATMEL Corporation
ATMEL Corporation
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
Renesas Technology Corp
Renesas Technology Corp
R1EX25002ASA00I RENESAS-R1EX25002ASA00I Datasheet
764Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz