Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA8518NM Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA8518NM
Description  Signal Processor for Cordless Telephone Base Sets
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA8518NM Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA8518NM Datasheet HTML 1Page - Sanyo Semicon Device LA8518NM Datasheet HTML 2Page - Sanyo Semicon Device LA8518NM Datasheet HTML 3Page - Sanyo Semicon Device LA8518NM Datasheet HTML 4Page - Sanyo Semicon Device LA8518NM Datasheet HTML 5Page - Sanyo Semicon Device LA8518NM Datasheet HTML 6Page - Sanyo Semicon Device LA8518NM Datasheet HTML 7Page - Sanyo Semicon Device LA8518NM Datasheet HTML 8Page - Sanyo Semicon Device LA8518NM Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Continued from preceding page.
Parameter
Symbol
Conditions
min
typ
max
Unit
Transmitting gain
GT
IL = 20 mA, VIN = –55 dBV
42
44
46
dB
IL = 120 mA, VIN = –55 dBV
39
41
43
dB
Receiving gain
GR
IL = 20 mA, VIN = –20 dBV
–4.5
−2.5
–0.5
dB
IL = 120 mA, VIN = –20 dBV
–9
–7
–5
dB
DTMF gain
GMF
IL = 20 mA, VIN = –30 dBV
27
29
31
dB
IL = 120 mA, VIN = –30 dBV
24
26
28
dB
KT gain
GKT
IL = 20 mA, VIN = –40 dBV
6.7
8.7
10.7
dB
IL = 120 mA, VIN = –40 dBV
9
11
13
dB
Transmitting dynamic range
DRT
IL = 20 mA, THD = 4 %
2.5
Vp-p
IL = 120 mA, THD = 4 %
4.5
Vp-p
Receiving dynamic range
(Single RL = 150 Ω)
DRDR
IL = 20 mA, THD = 10%
0.3
Vp-p
IL = 120 mA, THD = 10%
0.5
Vp-p
Receiving dynamic range
(BTL RL =3 kΩ)
DRSR
IL = 20 mA, THD = 10%
2
Vp-p
IL = 120 mA, THD = 10%
6
Vp-p
MUTE high-level input voltage
VIH
IL = 20 mA to 120 mA
0.6VSP
V
MUTE low-level input voltage
VIL
IL = 20 mA to 120 mA
0
0.4
V
Transmitting PADC attenuation
∆GT
IL = 30 mA, ground at 24 kΩ
3.7
dB
Receiving PADC attenuation
∆GR
IL = 30 mA, ground at 24 kΩ
6.3
dB
Internal reference voltage
VREF
IL = 20 mA
0.65
V
IL = 50 mA
1.0
V
IL = 120 mA
1.7
V
Operating Characteristics at Ta = 25°C,f=1 kHz
Parameter
Symbol
Conditions
min
typ
max
Unit
[Audio Signal Processing Block]
PRE AMP
Input from crosspoint switch
Voltage gain
VGC
–45 dBV input
6
8
10
dB
Total harmonic distortion
THD
–20 dBV input
0.4
1.0
%
ALC saturation output level
VOS
–20 dBV input
90
110
130
mVrms
ALC range
ALCW
From when ALC is on until THD is 1%
15
dB
Equivalent input noise voltage
VNI
Input AC-shorted, 20 to 20 kHz
5.0
10
µVrms
PB AMP
Voltage gain
VGE
–60 dBV input
46.5
48.5
50.5
dB
Total harmonic distortion
THD
–60 dBV input
0.5
1.5
%
Equivalent input noise voltage
VNI
Pin AC-shorted, 20 to 20 kHz
5.0
10
µVrms
OGM AMP
Voltage gain
VGG
–20 dBV input
7
9
11
dB
Total harmonic distortion
THD
–20 dBV input
0.1
1.0
%
REC AMP
Voltage gain
VGR
Pin 20 ZAC = 8.1 kΩ, between pins 25 and 21
4
6
8
dB
Output bias voltage
(Voltage at pin 21)
VB
Pin 20 ZDC =15 kΩ,
pin 21 load = 8.2 k
0.8
1.0
1.2
V
Total harmonic distortion
THD
0.8
1.5
%
MIC AMP
Voltage gain
VGM
–40 dBV input
27
29
31
dB
Total harmonic distortion
THD
–40 dBV input
0.1
1.0
%
Equivalent input noise voltage
VNI
Pin 33 AC-shorted, 20 to 20 kHz
2.0
5
µVrms
POWER AMP RL =8 Ω
Voltage gain
VGP
–30 dBV input
28
30
32
dB
Output voltage
PO
THD = 10%
200
250
mW
Total harmonic distortion
THD
–30 dBV input
0.6
1.5
%
Input resistance
RIN
15
k
Ripple rejection ratio
SVRR
Rg = 0, fr = 100 Hz, Vr = –20 dBV
40
dB
Output noise voltage
VNO
Pin 42 AC-shorted, 20 to 20 kHz
0.04
0.1
µVrms
Continued on next page.
LA8518NM
No.5421-3/31


Similar Part No. - LA8518NM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8510 SANYO-LA8510 Datasheet
138Kb / 6P
   Telephonic Speech Network
LA8515N SANYO-LA8515N Datasheet
134Kb / 6P
   Telephonic Speech Network?
LA8517M SANYO-LA8517M Datasheet
504Kb / 21P
   Audio Signal Processing Circuit for Cordless Telephone Base Set Applications
LA8519M SANYO-LA8519M Datasheet
317Kb / 29P
   I/O Switch/Voice Signal-Processing IC for Cordless Telephones
More results

Similar Description - LA8518NM

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U3500BM TEMIC-U3500BM Datasheet
226Kb / 17P
   Cordless Telephone Signal Processor
U3501BM TEMIC-U3501BM Datasheet
317Kb / 20P
   Cordless Telephone Signal Processor
logo
Sanyo Semicon Device
LA8606M SANYO-LA8606M Datasheet
483Kb / 20P
   Cordless Telephone Signal Processor
LA8517M SANYO-LA8517M Datasheet
504Kb / 21P
   Audio Signal Processing Circuit for Cordless Telephone Base Set Applications
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA_07 Datasheet
130Kb / 5P
   Cordless Telephone
TLP597G TOSHIBA-TLP597G_07 Datasheet
183Kb / 6P
   Cordless Telephone
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
Rohm
BU8710AKS ROHM-BU8710AKS Datasheet
601Kb / 32P
   4-channel ADPCM transcoder for digital cordless telephone base stations
logo
UMC Corporation
UM9310 UMC-UM9310 Datasheet
918Kb / 14P
   Cordless Telephone Controller
logo
Toshiba Semiconductor
TB31214FN TOSHIBA-TB31214FN Datasheet
631Kb / 18P
   PLL FREQUENCY SYNTHESIZER FOR CORDLESS TELEPHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com