Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA7975 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA7975
Description  PAL SIF Converter Circuit for TV and VCR Multi-system
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7975 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA7975 Datasheet HTML 1Page - Sanyo Semicon Device LA7975 Datasheet HTML 2Page - Sanyo Semicon Device LA7975 Datasheet HTML 3Page - Sanyo Semicon Device LA7975 Datasheet HTML 4Page - Sanyo Semicon Device LA7975 Datasheet HTML 5Page - Sanyo Semicon Device LA7975 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAL SIF Converter Circuit
for TV and VCR Multi-system
Overview
The LA7975 is an IC that converts PAL SIF signals (5.5 MHz,
6 MHz, and 6.5 MHz) to 6 MHz. For the sake of high sound
quality, this IC uses a unique mixer technique to supress
interference from NICAM signals.
Functions
.
Mixer, amplifier, oscillator, oscillator mute
Features
.
Resistant to interference by NICAM signals
.
Small SIP-5 package
.
Wide range of usage voltage (5 V to 12 V)
Package Dimensions
unit : mm
3042C-SIP5
[LA7975]
SANYO : SIP5
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
13.2
V
Maximum feed current
I5 max
3
mA
I4 max
1
mA
Allowable power dissipation
Pd max
Ta
% 70°C
200
mW
Operating temperature
Topr
–20 to +70
°C
Storage temperature
Tstg
–40 to +150
°C
Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
9V
Operating voltage range
VCC op
5to12
V
Ordering number: EN3994B
Monolithic Linear IC
LA7975
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
73096HA(II)/8282TS No.3994-1/6


Similar Part No. - LA7975

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7976 SANYO-LA7976 Datasheet
54Kb / 5P
   PAL SIF Converter Circuit for TV and VCR Multi-system
More results

Similar Description - LA7975

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7976 SANYO-LA7976 Datasheet
54Kb / 5P
   PAL SIF Converter Circuit for TV and VCR Multi-system
logo
Toshiba Semiconductor
TA8865BN TOSHIBA-TA8865BN Datasheet
1Mb / 27P
   PLL MULTI PIF/SIF SYSTEM FOR COLOR TV AND VCR
logo
NTE Electronics
NTE1827 NTE-NTE1827 Datasheet
26Kb / 2P
   Integrated Circuit VIF & SIF Circuit for TV/VCR
logo
Sanyo Semicon Device
LA7567EV SANYO-LA7567EV Datasheet
214Kb / 21P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support
logo
NTE Electronics
NTE7015 NTE-NTE7015 Datasheet
86Kb / 4P
   Integrated Circuit PLL SIF & VIF for TV & VCR
logo
Sanyo Semicon Device
LA7567N SANYO-LA7567N Datasheet
277Kb / 14P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support
LA75503V SANYO-LA75503V Datasheet
525Kb / 15P
   Adjustment Free VIF/SIF Signal Processing IC for PAL TV/VCR
LA75503V SANYO-LA75503V_07 Datasheet
521Kb / 15P
   For PAL TV/VCR Adjustment Free VIF/SIF Signal Processing IC
LA7566 SANYO-LA7566 Datasheet
234Kb / 11P
   VIF/SIF IF Signal-Processing Circuit with TV/VCR PAL and NTSC Multisound Support
LA7565E SANYO-LA7565E Datasheet
198Kb / 18P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com