Electronic Components Datasheet Search |
|
STM8L101G2U6TR Datasheet(PDF) 11 Page - STMicroelectronics |
|
STM8L101G2U6TR Datasheet(HTML) 11 Page - STMicroelectronics |
11 / 81 page STM8L101xx Product overview Doc ID 15275 Rev 11 11/81 3.5 Memory The STM8L101xx devices have the following main features: ● 1.5 Kbytes of RAM ● The EEPROM is divided into two memory arrays (see the STM8L reference manual for details on the memory mapping): – Up to 8 Kbytes of low-density embedded Flash program including up to 2 Kbytes of data EEPROM. Data EEPROM and Flash program areas can be write protected independently by using the memory access security mechanism (MASS). – 64 option bytes (one block) of which 5 bytes are already used for the device. Error correction code is implemented on the EEPROM. 3.6 Low power modes To minimize power consumption, the product features three low power modes: ● Wait mode: CPU clock stopped, selected peripherals at full clock speed. ● Active-halt mode: CPU and peripheral clocks are stopped. The programmable wakeup time is controlled by the AWU unit. ● Halt mode: CPU and peripheral clocks are stopped, the device remains powered on. Wakeup is triggered by an external interrupt. 3.7 Voltage regulators The STM8L101xx embeds an internal voltage regulator for generating the 1.8 V power supply for the core and peripherals. This regulator has two different modes: main voltage regulator mode (MVR) and low power voltage regulator mode (LPVR). When entering Halt or Active-halt modes, the system automatically switches from the MVR to the LPVR in order to reduce current consumption. 3.8 Clock control The STM8L101xx embeds a robust clock controller. It is used to distribute the system clock to the core and the peripherals and to manage clock gating for low power modes. This system clock is a 16-MHz High Speed Internal RC oscillator (HSI RC), followed by a programmable prescaler. In addition, a 38 kHz low speed internal RC oscillator is used by the independent watchdog (IWDG) and Auto-wakeup unit (AWU). 3.9 Independent watchdog The independent watchdog (IWDG) peripheral can be used to resolve processor malfunctions due to hardware or software failures. It is clocked by the 38 kHZ LSI internal RC clock source, and thus stays active even in case of a CPU clock failure. |
Similar Part No. - STM8L101G2U6TR |
|
Similar Description - STM8L101G2U6TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |