Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDS8711008-T2-300 Datasheet(PDF) 11 Page - IXYS Corporation

Part # LDS8711008-T2-300
Description  High Efficiency 10 LED Driver with No External Schottky
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8711008-T2-300 Datasheet(HTML) 11 Page - IXYS Corporation

Back Button LDS8711008-T2-300 Datasheet HTML 4Page - IXYS Corporation LDS8711008-T2-300 Datasheet HTML 5Page - IXYS Corporation LDS8711008-T2-300 Datasheet HTML 6Page - IXYS Corporation LDS8711008-T2-300 Datasheet HTML 7Page - IXYS Corporation LDS8711008-T2-300 Datasheet HTML 8Page - IXYS Corporation LDS8711008-T2-300 Datasheet HTML 9Page - IXYS Corporation LDS8711008-T2-300 Datasheet HTML 10Page - IXYS Corporation LDS8711008-T2-300 Datasheet HTML 11Page - IXYS Corporation LDS8711008-T2-300 Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LDS8711
© 2010 IXYS Corp.
11
Doc. No. 8711DS, Rev. N1.0
Characteristics subject to change without notice
ORDERING INFORMATION
Part Number
Package
Package Marking
LDS8711 008-T2 – 300
1)
TDFN - 8 2 x 3mm
2)
711
Notes:
1.
Maximum LED current is factory preset at 20, 25, or 30 mA. Consult factory if other current values are required.
2.
Matte-Tin Plated Finish (RoHS-compliant)
3.
Quantity per reel is 2000
EXAMPLE OF ORDERING INFORMATION
Notes:
1)
All packages are RoHS-compliant (Lead-free, Halogen-free).
2)
The standard lead finish is Matte-Tin.
3)
The device used in the above example is a LDS8711 XXX–T2-300 (2x3 TDFN, Tape & Reel, 30 mA LED Current).
4)
For additional package and current options, please contact your nearest IXYS Corp. Sales office.
Optional
Company ID
Package
008
: 2 x 3 TDFN
Prefix
Device #
Suffix
LDS
8711
008
T2
300
Product Number
Tape & Reel
T: Tape & Reel
2: 2000/Reel
LED Current
300 – 30 mA
250 – 25 mA
200 – 20 mA


Similar Part No. - LDS8711008-T2-300

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8720 IXYS-LDS8720 Datasheet
475Kb / 10P
   184 WLED Matrix Driver with Boost Converter
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
LDS8724008T2-200 IXYS-LDS8724008T2-200 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
More results

Similar Description - LDS8711008-T2-300

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1994 MICROSEMI-LX1994 Datasheet
306Kb / 13P
   High Efficiency LED Driver
LX1992 MICROSEMI-LX1992 Datasheet
325Kb / 11P
   High Efficiency LED Driver
LX1993 MICROSEMI-LX1993 Datasheet
453Kb / 12P
   High Efficiency LED Driver
LX1994 MICROSEMI-LX1994_06 Datasheet
256Kb / 13P
   High Efficiency LED Driver
logo
Integrated Silicon Solu...
IS31LT3354-STLS2 ISSI-IS31LT3354-STLS2 Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
IS31LT3354 ISSI-IS31LT3354 Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
IS31LT3354-STLS2-TR ISSI-IS31LT3354-STLS2-TR Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
logo
Semtech Corporation
SC442 SEMTECH-SC442 Datasheet
233Kb / 1P
   10-Channel, Integrated, High Efficiency 120 White LED Driver
logo
Silicon Mitus, Inc.
SM5306 SILICONMITUS-SM5306 Datasheet
293Kb / 1P
   High-Efficiency Dual-String with up to 10-WLED White LED Driver
August 2018 Rev. 0.0.0
SM5350 SILICONMITUS-SM5350 Datasheet
215Kb / 1P
   High-Efficiency Three-String with up to 10-WLED White LED Driver
August 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com