Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8100 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # S-8100
Description  1/4 x 11/4 Fuse Blocks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

S-8100 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  S-8100 Datasheet HTML 1Page - Cooper Bussmann, Inc. S-8100 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S-8000 Series
1/4" x 11/4" Fuse Blocks
Description
• For 1/4" x 11/4" (6.3 x 32mm) fuses
• Bolt-in and snap-in mounting available
• Tight cluster mounting
• All types of terminal configurations
• Clips made of spring-bronze
• Anti-rotational pin provided
• Flame retardant thermoplastic meets UL 94V0
Environmental Data
• Relative Temperature Index (RTI)
- Bolt-in 130°C
- Snap-in 110°C
Agency Information
• UL Recognized: E14853
• CSA Certified: 47235
1207
BU-SB07222
Page 1 of 2
Data Sheet 2101
Specifications
Series
Volts
UL Max Amps
CSA Max. Amps
S-8000
300Vac/dc
25
21
S-8100
300Vac/dc
20
13
S-8200
300Vac/dc
20
16
S-8300
300Vac/dc
30
25
Mounting Dimensions
No. of
Inches
Millimeters
Poles
A
B
A
B
1
––
2
1
1/8"
5/8"
28.6
15.9
3
1
3/4"11/4"
44.4
31.8
4
2
3/8"17/8"
60.3
47.6
5
3"
2
1/2"
76.2
63.5
6
3
5/8"
3
1/8"
92.1
79.4
7
4
1/4"33/4"
108.0
95.2
8
4
7/8"43/8"
123.8
111.1
9
5
1/2"
5"
139.7
127.0
10
6
1/8"55/8"
155.6
142.9
11
6
3/4"
6
1/4"
171.4
158.8
12
7
3/8"
6
7/8"
187.3
174.6
Multiple Pole
Dimensions - mm/in.
S-8000 Single-Pole Bolt-In Mounting Series
Dimensions - mm/in.
S-8000 Single-Pole Snap-In Mounting Series
Component
Material
Clip
Spring-Bronze, Bright Tin-Plate
Body
Thermoplastic
40° Terminal
Terminal
Screw
Terminal
Side
Terminal
Mounting
40° Terminal
Terminal
Side
Terminal
Mounting


Similar Part No. - S-8100

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8100 SII-S-8100 Datasheet
284Kb / 6P
   CMOS TEMPERATURE COMPENSATION IC
logo
Cooper Bussmann, Inc.
S-8100 COOPER-S-8100 Datasheet
69Kb / 2P
   1/4x1-1/4 Fuseblocks
S-8100 COOPER-S-8100 Datasheet
120Kb / 2P
   S-8000 Series
S-8100 COOPER-S-8100 Datasheet
120Kb / 2P
   1/4" x 11/4" Fuse Blocks
logo
Seiko Instruments Inc
S-8100BF SII-S-8100BF Datasheet
284Kb / 6P
   CMOS TEMPERATURE COMPENSATION IC
More results

Similar Description - S-8100

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S8000 COOPER-S8000 Datasheet
120Kb / 2P
   1/4" x 11/4" Fuse Blocks
HFB COOPER-HFB Datasheet
107Kb / 1P
   1/4" x 1-1/4" Fuse Holders
logo
List of Unclassifed Man...
HKL ETC1-HKL Datasheet
563Kb / 1P
   1/4" x 1 1/4" Panel-mount indicating fuse holder
logo
Eaton All Rights Reserv...
HFA EATON-HFA Datasheet
213Kb / 1P
   1/4??x 1 1/4??in-line water-resistant fuse
HFB EATON-HFB Datasheet
377Kb / 1P
   1/4??x 1 1/4??in-line waterproof fuse holder
logo
Littelfuse
102071 LITTELFUSE-102071 Datasheet
530Kb / 3P
   Fuse Blocks and Clips - For 1/4 Diameter Fuses
logo
Eaton All Rights Reserv...
HRK EATON-HRK Datasheet
170Kb / 1P
   1/4??x 7/8??to 1/4" x 1 1/4" Universal in-line fuse holder
logo
Switchcraft, Inc.
2300 SWITCH-2300 Datasheet
21Kb / 1P
   1/4 JACK BLOCKS
logo
Cooper Bussmann, Inc.
HHB-R COOPER-HHB-R Datasheet
163Kb / 1P
   1/4 X 7/8" TO 1 1/4 In-Line Fuse Holders
logo
Eaton All Rights Reserv...
HTB EATON-HTB Datasheet
341Kb / 2P
   1/4 x 1 1/4 and 5 mm x 20 mm Panel-mount fuse holders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com