Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRSB-50T Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # XRSB-50T
Description  48 Vdc Input 1.5 Vdc - 12 Vdc / 22 A - 5 A Outputs, 1/16 Brick
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

XRSB-50T Datasheet(HTML) 5 Page - Bel Fuse Inc.

  XRSB-50T_10 Datasheet HTML 1Page - Bel Fuse Inc. XRSB-50T_10 Datasheet HTML 2Page - Bel Fuse Inc. XRSB-50T_10 Datasheet HTML 3Page - Bel Fuse Inc. XRSB-50T_10 Datasheet HTML 4Page - Bel Fuse Inc. XRSB-50T_10 Datasheet HTML 5Page - Bel Fuse Inc. XRSB-50T_10 Datasheet HTML 6Page - Bel Fuse Inc. XRSB-50T_10 Datasheet HTML 7Page - Bel Fuse Inc. XRSB-50T_10 Datasheet HTML 8Page - Bel Fuse Inc. XRSB-50T_10 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 Vdc Input 1.5 Vdc - 12 Vdc / 22 A - 5 A Outputs, 1/16 Brick
Apr. 12, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Output Trim Equations
Equations for calculating the trim resistor are shown below (Unit: kΩ). The Trim Down resistor should be
connected between the Trim pin and Ground pin. The Trim Up resistor should be connected between the Trim pin
and the Vout. Only one of the resistors should be used for any given application.
Note
:
Vo_req=Desired (trimmed) output voltage [V]
Vo=1.503 V for 1.5 V output; Vo=1.804 V for 1.8 V output; Vo=2.505 V for 2.5 V output; Vo=3.308 V for 3.3 V
output; Vo=5.002 V for 5 V output; Vo=12.007 V for 12 V output.
Efficiency Data
50%
55%
60%
65%
70%
75%
80%
85%
90%
2.2A
5.5A
11A
16A
22A
OUTPUT CURRENT (A)
36 V
48 V
75 V
50%
55%
60%
65%
70%
75%
80%
85%
90%
2A
5A
10A
15A
20A
OUTPUT CURRENT (A)
36V
48V
75V
Vo=1.5 V
Vo=1.8 V
22
.
10
511 −
=
delta
Rtrimdown
()
[]
%
100
_
×
=
Vo
Vo
req
Vo
delta
22
.
10
225
.
1
626
11
.
5
)
100
(
+
=
delta
Vo
delta
R
trimup
Module
Vout
Trim
GND
Rtrimdown
Module
Vout
Trim
GND
Rtrimup


Similar Part No. - XRSB-50T_10

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
XRSB-50T025 BEL-XRSB-50T025 Datasheet
444Kb / 13P
   ISOLATED DC/DC CONVERTERS
xRSB-50T025 BEL-xRSB-50T025 Datasheet
422Kb / 13P
   ISOLATED DC/DC CONVERTERS
XRSB-50T02L BEL-XRSB-50T02L Datasheet
444Kb / 13P
   ISOLATED DC/DC CONVERTERS
xRSB-50T02L BEL-xRSB-50T02L Datasheet
422Kb / 13P
   ISOLATED DC/DC CONVERTERS
XRSB-50T033 BEL-XRSB-50T033 Datasheet
444Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - XRSB-50T_10

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RXU-75TD10 BEL-0RXU-75TD10 Datasheet
292Kb / 8P
   ISOLATED DC/DC CONVERTERS 36 Vdc - 75 Vdc Input 12 Vdc/5 A, -12 Vdc/1.5 A Dual Outputs
0RCY-D4T12X BEL-0RCY-D4T12X Datasheet
629Kb / 15P
   48 VDC Input 12 VDC @ 20 A Output
SLAN-12D2AX BEL-SLAN-12D2AX Datasheet
1Mb / 26P
   3 Vdc - 14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /12 A Outputs
0RQP-X5M12 BEL-0RQP-X5M12 Datasheet
987Kb / 31P
   48 ??60 VDC Input 12 VDC, 125 A Output
07CM-38S10L BEL-07CM-38S10L_10 Datasheet
130Kb / 5P
   48 VDC Input 9.3VDC/36.5 A Output, 1/4 Brick
0RQ2-Q2T12B BEL-0RQ2-Q2T12B Datasheet
893Kb / 21P
   36-75 VDC Input / 12 VDC @ 35 A Output / 1/4th Brick Converter
SRPE-02E1A0 BEL-SRPE-02E1A0 Datasheet
1Mb / 12P
   5.5 Vdc - 13.2 Vdc Input 0.6 Vdc - 5.5 Vdc / 1.5 A Output
SLIN-30E1AX BEL-SLIN-30E1AX Datasheet
478Kb / 26P
   6.0 Vdc - 14 Vdc Input, 0.8 Vdc - 2.75 Vdc /30 A Outputs
SLAN-20D1AX BEL-SLAN-20D1AX Datasheet
1Mb / 26P
   3 Vdc ??14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /20 A Outputs
VRBG-30A1A0 BEL-VRBG-30A1A0_10 Datasheet
316Kb / 9P
   8 Vdc - 14 Vdc Input 0.8 Vdc - 3.63 Vdc / 30 A Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com