Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM8L151K6Y3 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM8L151K6Y3
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151K6Y3 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM8L151K6Y3 Datasheet HTML 6Page - STMicroelectronics STM8L151K6Y3 Datasheet HTML 7Page - STMicroelectronics STM8L151K6Y3 Datasheet HTML 8Page - STMicroelectronics STM8L151K6Y3 Datasheet HTML 9Page - STMicroelectronics STM8L151K6Y3 Datasheet HTML 10Page - STMicroelectronics STM8L151K6Y3 Datasheet HTML 11Page - STMicroelectronics STM8L151K6Y3 Datasheet HTML 12Page - STMicroelectronics STM8L151K6Y3 Datasheet HTML 13Page - STMicroelectronics STM8L151K6Y3 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 122 page
background image
Description
STM8L151xx, STM8L152xx
10/122
Doc ID 15962 Rev 5
2
Description
The STM8L15xxx devices are members of the STM8L Ultralow power 8-bit family. The
STM8L15xxx family operates from 1.8 V to 3.6 V (down to 1.65 V at power down) and is
available in the -40 to +85 °C and -40 to +125 °C temperature ranges.
The STM8L15xxx Ultralow power family features the enhanced STM8 CPU core providing
increased processing power (up to 16 MIPS at 16 MHz) while maintaining the advantages of
a CISC architecture with improved code density, a 24-bit linear addressing space and an
optimized architecture for low power operations.
The family includes an integrated debug module with a hardware interface (SWIM) which
allows non-intrusive In-Application debugging and ultrafast Flash programming.
All STM8L15xxx microcontrollers feature embedded data EEPROM and low power low-
voltage single-supply program Flash memory.
They incorporate an extensive range of enhanced I/Os and peripherals.
The modular design of the peripheral set allows the same peripherals to be found in different
ST microcontroller families including 32-bit families. This makes any transition to a different
family very easy, and simplified even more by the use of a common set of development
tools.
Six different packages are proposed from 28 to 48 pins. Depending on the device chosen,
different sets of peripherals are included. .
All STM8L Ultralow power products are based on the same architecture with the same
memory mapping and a coherent pinout.


Similar Part No. - STM8L151K6Y3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L151K6 STMICROELECTRONICS-STM8L151K6 Datasheet
1Mb / 101P
   8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
STM8L151K6 STMICROELECTRONICS-STM8L151K6 Datasheet
1Mb / 142P
   Advanced STM8 core
April 2017 Rev 15
STM8L151K6T3 STMICROELECTRONICS-STM8L151K6T3 Datasheet
1Mb / 101P
   8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
STM8L151K6T6 STMICROELECTRONICS-STM8L151K6T6 Datasheet
1Mb / 101P
   8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
STM8L151K6U3 STMICROELECTRONICS-STM8L151K6U3 Datasheet
1Mb / 101P
   8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
More results

Similar Description - STM8L151K6Y3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L151XX STMICROELECTRONICS-STM8L151XX Datasheet
1Mb / 101P
   8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
STM8L151F3P6 STMICROELECTRONICS-STM8L151F3P6 Datasheet
1Mb / 112P
   8-bit ultralow power MCU, up to 8 KB Flash, up to 256 B data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
July 2012 Rev 4
STM8L151C8T6 STMICROELECTRONICS-STM8L151C8T6 Datasheet
1Mb / 129P
   8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
STM8L152M8T6 STMICROELECTRONICS-STM8L152M8T6 Datasheet
1Mb / 134P
   8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
July 2013 Rev 6
STM8L152C8T6 STMICROELECTRONICS-STM8L152C8T6 Datasheet
1Mb / 134P
   8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
STM8L152R6T6 STMICROELECTRONICS-STM8L152R6T6 Datasheet
1Mb / 129P
   8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
STM8L052C6T6 STMICROELECTRONICS-STM8L052C6T6 Datasheet
1Mb / 102P
   Value Line, 8-bit ultralow power MCU, 32-KB Flash, 256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
June 2012 Rev 1
STM8L052R8T6 STMICROELECTRONICS-STM8L052R8T6 Datasheet
442Kb / 55P
   Value Line, 8-bit ultralow power MCU, 64-KB Flash, 256-bytes data EEPROM, RTC, LCD, timers,USART, I2C, SPI, ADC
June 2012 Rev 2
STM8L151C2 STMICROELECTRONICS-STM8L151C2_V01 Datasheet
2Mb / 123P
   8-bit ultra-low-power MCU, up to 8 KB Flash, up to 256 bytes data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
July 2018
STM8L151X6 STMICROELECTRONICS-STM8L151X6_V01 Datasheet
3Mb / 147P
   8-bit ultra-low-power MCU, up to 64-KB Flash, 2-KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
May 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com