Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RCR-40S10X Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0RCR-40S10X
Description  ISOLATED DC/DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCR-40S10X Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0RCR-40S10X_10 Datasheet HTML 1Page - Bel Fuse Inc. 0RCR-40S10X_10 Datasheet HTML 2Page - Bel Fuse Inc. 0RCR-40S10X_10 Datasheet HTML 3Page - Bel Fuse Inc. 0RCR-40S10X_10 Datasheet HTML 4Page - Bel Fuse Inc. 0RCR-40S10X_10 Datasheet HTML 5Page - Bel Fuse Inc. 0RCR-40S10X_10 Datasheet HTML 6Page - Bel Fuse Inc. 0RCR-40S10X_10 Datasheet HTML 7Page - Bel Fuse Inc. 0RCR-40S10X_10 Datasheet HTML 8Page - Bel Fuse Inc. 0RCR-40S10X_10 Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
1
ISOLATED DC/DC CONVERTERS
48 Vdc Input 9.6 Vdc/40 A Output, 1/8 Brick
Jun. 08, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Features
Isolated
Input Under-Voltage Lockout
Fixed Frequency
Input Over-Voltage Shutdown
High Efficiency
OCP/SCP
High Power Density
Remote On/Off
Low Cost
Over Temperature Protection
Class 1, Category 2, Non-Isolated DC/DC Converter (refer to IPC-9592)
UL60950-1 Recognized (UL/cUL) (Pending)
Applications
Networking
Computers and peripherals
Telecommunications
Description
The 0RCR-40S10x Series are isolated dc/dc converters that operate from a nominal 48 Vdc source. These
converters use a full bridge power train to provide isolation and step down. These units will provide up to 300 W
of output power from a nominal 48 Vdc input. These units are designed to be highly efficient and low cost.
Features include remote on/off, over current protection and under voltage lockout. These converters are provided
in an industry standard eighth-brick package.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active Low
Model Number
Active High
9.6 V
38 Vdc-55 Vdc
40 A
300 W
96.5%
0RCR-40S10L
0RCR-40S100
Notes: Add “G” suffix at the end of the model number to indicate Tray Packaging.
Part Number Explanation
0 R CR – 40 S 10 x
1 2
3
4
5
6
7
1---Through hole
2---RoHS 6, change “R” to “7” means RoHS 5
3---Series name, 1/8 Brick
4---Series code
5---Input range 48V wide (38-55V)
6---Output voltage (9.6V)
7---Suffix
0RCR-40S10x
RoHS Compliant
Rev.F


Similar Part No. - 0RCR-40S10X_10

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCR-40S10X BEL-0RCR-40S10X Datasheet
144Kb / 7P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RCR-40S10X_10

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com