Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si1142-A10-GM Datasheet(PDF) 4 Page - Silicon Laboratories

Part # Si1142-A10-GM
Description  PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si1142-A10-GM Datasheet(HTML) 4 Page - Silicon Laboratories

  Si1142-A10-GM Datasheet HTML 1Page - Silicon Laboratories Si1142-A10-GM Datasheet HTML 2Page - Silicon Laboratories Si1142-A10-GM Datasheet HTML 3Page - Silicon Laboratories Si1142-A10-GM Datasheet HTML 4Page - Silicon Laboratories Si1142-A10-GM Datasheet HTML 5Page - Silicon Laboratories Si1142-A10-GM Datasheet HTML 6Page - Silicon Laboratories Si1142-A10-GM Datasheet HTML 7Page - Silicon Laboratories Si1142-A10-GM Datasheet HTML 8Page - Silicon Laboratories Si1142-A10-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
Si1141/42/43
4
Preliminary Rev. 0.5
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Units
VDD Supply Voltage
VDD
includes ripple
1.8
3.3
3.6
V
VDD OFF Supply Voltage
VDD_OFF
OFF mode
–0.3
1.0
V
VDD Supply Ripple Voltage
VDD =3.3 V
1kHz–10MHz
—50
TBD
mVpp
Operating Temperature
T
–40
25
85
°C
SCL, SDA, Input High Logic
Voltage
I2CVIH
VDDx0.7
VDD
V
SCL, SDA Input Low Logic
Voltage
I2CVIL
0—
VDDx0.3
V
PS Operation under
Direct Sunlight
Edc
128
klx
IrLED Emission Wavelength
l
750
850
950
nm
IrLED Supply Voltage
VLED
IrLED VF = 1.0 V nominal
VDD
—4.3
V
IrLED Supply Ripple Voltage
Applies if IrLEDs use
separate supply rail
0–30 kHz
30 kHz–100 MHz
250
100
TBD
TBD
mVpp
mVpp
Start-Up Time
VDD above 1.8 V
20
ms
LED3 Voltage
Start-up
VDDx0.77
V
Table 2. Absolute Maximum Ratings
Parameter
Conditions
Min
Typ
Max
Units
VDD Supply Voltage
–0.3
4
V
Operating Temperature
–40
85
°C
Storage Temperature
–65
85
°C
LED1, LED2, LED3 Voltage
at VDD =0V, TA < 85 °C
–0.5
3.6
V
INT, SCL, SDA Voltage
at VDD =0V, TA < 85 °C
–0.5
3.6
V
Maximum total current through
LED1, LED2 and LED3
——
500
mA
Maximum total current through
GND
——
600
mA
ESD Rating
Human Body Model
2
kV


Similar Part No. - Si1142-A10-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1142-A11-GMR SILABS-SI1142-A11-GMR Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
More results

Similar Description - Si1142-A10-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1153-AB9X-GMR SILABS-SI1153-AB9X-GMR Datasheet
918Kb / 61P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.3
SI115X SILABS-SI115X Datasheet
1Mb / 65P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.4
SI1153 SILABS-SI1153 Datasheet
1Mb / 58P
   Proximity/Ambient Light Sensor IC with IC Interface
SI1143-M01-GMR SILABS-SI1143-M01-GMR Datasheet
1Mb / 79P
   PROXIMITY/AMBIENT LIGHT SENSOR MODULE WITH I2C INTERFACE
Rev. 1.1 12/14
logo
Everlight Electronics C...
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
logo
Silicon Laboratories
SI1141-A11-GM SILABS-SI1141-A11-GM Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
LV0104CS ONSEMI-LV0104CS Datasheet
225Kb / 9P
   Ambient Light Sensor, I2C Interface
April 2015- Rev. 2
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com