Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1143 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI1143
Description  PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1143 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI1143 Datasheet HTML 5Page - Silicon Laboratories SI1143 Datasheet HTML 6Page - Silicon Laboratories SI1143 Datasheet HTML 7Page - Silicon Laboratories SI1143 Datasheet HTML 8Page - Silicon Laboratories SI1143 Datasheet HTML 9Page - Silicon Laboratories SI1143 Datasheet HTML 10Page - Silicon Laboratories SI1143 Datasheet HTML 11Page - Silicon Laboratories SI1143 Datasheet HTML 12Page - Silicon Laboratories SI1143 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
Si11 41/42/43
Preliminary Rev. 0.5
9
When operating in the lower signal range, it is possible to saturate the ADC when the ambient light level is high.
Any overflow condition is reported in the RESPONSE register, and the corresponding data registers report a value
of 0xFFFF. The host can then adjust the ADC sensitivity. Note however that the overflow condition is not sticky. If
the light levels return to a range within the capabilities of the ADC, the corresponding data registers begin to
operate normally. However, the RESPONSE register will continue to hold the overflow condition until a NOP
command is received. Even if the RESPONSE register has an overflow condition, commands are still accepted
and processed.
Proximity detection ranges beyond 50 cm and up to several meters can be achieved without lensing by selecting a
longer integration time. The detection range may be increased further, even with high ambient light, by averaging
multiple measurements. Refer to “AN498: Designer's Guide for the Si114x” for more details.
Figure 3. Typical Proximity Sense Performance Curves
5
7
9
11
13
15
17
19
21
23
25
0
500
1000
1500
2000
2500
3000
3500
4000
4500
PSLEDx_DATA
47%, Hand, 1 Lux
47%, Hand, 300 Lux Fluorescent
47%, Hand, 300 Lux Incandescent
18% Gray Card, 1 Lux
92% White Card, 1 Lux
5
10
15
20
25
30
35
40
45
50
0
5000
10000
15000
20000
25000
30000
PSLEDx_DATA
47%, Hand, 1 Lux
47%, Hand, 300 Lux Fluorescent
47%, Hand, 300 Lux Incandescent
18% Gray Card, 1 Lux
92% White Card, 1 Lux


Similar Part No. - SI1143

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1143-A11-GMR SILABS-SI1143-A11-GMR Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
SI1143-A11-YM0R SILABS-SI1143-A11-YM0R Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
SI1143-M01-GMR SILABS-SI1143-M01-GMR Datasheet
1Mb / 79P
   PROXIMITY/AMBIENT LIGHT SENSOR MODULE WITH I2C INTERFACE
Rev. 1.1 12/14
SI1143-M01-GMR SILABS-SI1143-M01-GMR Datasheet
1Mb / 79P
   PROXIMITY/AMBIENT LIGHT SENSOR MODULE WITH I2C INTERFAC
Rev. 1.1 12/14
More results

Similar Description - SI1143

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1153-AB9X-GMR SILABS-SI1153-AB9X-GMR Datasheet
918Kb / 61P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.3
SI115X SILABS-SI115X Datasheet
1Mb / 65P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.4
SI1153 SILABS-SI1153 Datasheet
1Mb / 58P
   Proximity/Ambient Light Sensor IC with IC Interface
SI1143-M01-GMR SILABS-SI1143-M01-GMR Datasheet
1Mb / 79P
   PROXIMITY/AMBIENT LIGHT SENSOR MODULE WITH I2C INTERFACE
Rev. 1.1 12/14
logo
Everlight Electronics C...
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
logo
Silicon Laboratories
SI1141-A11-GM SILABS-SI1141-A11-GM Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
LV0104CS ONSEMI-LV0104CS Datasheet
225Kb / 9P
   Ambient Light Sensor, I2C Interface
April 2015- Rev. 2
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com