Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STA303A Datasheet(PDF) 1 Page - Sanken electric

Part # STA303A
Description  NPN Darlington General purpose/3-phase motor drive
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA303A Datasheet(HTML) 1 Page - Sanken electric

  STA303A Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
154
Characteristic curves
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
VCE(sat)-IB Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θ j-a-PW Characteristics
PT-Ta Characteristics
Safe Operating Area (SOA)
(Ta=25
°C)
Symbol
Ratings
Unit
VCBO
120
V
VCEO
100
V
VEBO
6V
IC
4A
ICP
8 (PW
≤10ms, Du≤50%)
A
3 (Ta=25
°C)
15 (Tc=25
°C)
Tj
150
°C
Tstg
–40 to +150
°C
(Ta=25
°C)
Symbol
Unit
Conditions
ICBO
100
µAVCB=120V
IEBO
10
mA
VEB=6V
VCEO
100
V
IC=10mA
hFE
1000
VCE=4V, IC=2A
VCE(sat)
2.0
V
IC=2A, IB=10mA
ton
0.8
µsVCC 40V,
tstg
5.0
µsIC=2A,
tf
2.0
µsIB1=–IB2=10mA
Specification
min
typ
max
PT
W
STA303A
4
3
2
1
0
1
02
3
4
5
IB=1m
A
0.8mA
0.6mA
0.5m
A
0.4m
A
0.3mA
VCE (V)
20000
10000
5000
1000
500
100
50
(VCE=4V)
typ
0.02
0.05
0.1
0.5
1
4
IC (A)
20000
10000
5000
500
100
0.02
0.05
0.5
1
4
IC (A)
1000
50
0.1
Ta
=125
°C
25
°C
–30
°C
(VCE=4V)
0.2
3
1
0
0.5
1
4
IC (A)
(IC / IB=1000)
2
Ta=–30
°C
25°C
125°C
3
2
1
0
0.2
0.5
1
5
10
50
100
IB (mA)
IC=4A
IC=3A
IC=2A
IC=1A
4
3
2
1
01
2
VBE (V)
(VCE=4V)
20
10
5
1.0
0.5
1
5
10
50
100
500 1000
PW (mS)
–40
0
50
100
150
0
Ta (
°C)
With Silicone Grease
Natural Cooling
Heatsink: Aluminum
in mm
2
4
6
8
10
12
14
16
Without Heatsink
25
×50×2
50
×50×2
10
5
1
0.5
0.1
3
5
10
50
VCE (V)
0.05
100
200
0.03
Single Pulse
Without Heatsink
Ta=25
°C
2
1
3
R1
R2
4
5
6
7
8
R1: 3k
Ω typ R2: 500Ω typ
NPN Darlington
General purpose/3-phase motor drive
Absolute maximum ratings
External dimensions
C • • • STA (8-pin)
sEquivalent circuit diagram
Electrical characteristics


Similar Part No. - STA303A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA303A SANKEN-STA303A Datasheet
21Kb / 1P
   NPN Darlington General purpose/3-phase motor drive
STA303A SANKEN-STA303A Datasheet
34Kb / 1P
   NPN Darlington General purpose/3-phase motor drive
More results

Similar Description - STA303A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA303A SANKEN-STA303A Datasheet
21Kb / 1P
   NPN Darlington General purpose/3-phase motor drive
STA303A SANKEN-STA303A Datasheet
34Kb / 1P
   NPN Darlington General purpose/3-phase motor drive
STA302A SANKEN-STA302A_06 Datasheet
35Kb / 1P
   PNP Darlington General purpose/3-phase motor drive
STA309A SANKEN-STA309A Datasheet
31Kb / 1P
   PNP Darlington General purpose/3-phase motor drive
STA302A SANKEN-STA302A Datasheet
20Kb / 1P
   PNP Darlington General purpose/3-phase motor drive
SDC07 SANKEN-SDC07_01 Datasheet
33Kb / 1P
   NPN Darlington 3-phase motor drive
SDC07 SANKEN-SDC07 Datasheet
20Kb / 1P
   NPN Darlington 3-phase motor drive
STA304A SANKEN-STA304A Datasheet
21Kb / 1P
   NPN Darlington 3-phase motor drive
SLA6023 SANKEN-SLA6023 Datasheet
31Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6012 SANKEN-SLA6012 Datasheet
30Kb / 2P
   PNP NPN Darlington 3-phase motor drive
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com