Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28006FH-20EVAL1Z Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL28006FH-20EVAL1Z
Description  Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28006FH-20EVAL1Z Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL28006FH-20EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL28006FH-20EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL28006FH-20EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL28006FH-20EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL28006FH-20EVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL28006FH-20EVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL28006FH-20EVAL1Z Datasheet HTML 12Page - Intersil Corporation ISL28006FH-20EVAL1Z Datasheet HTML 13Page - Intersil Corporation ISL28006FH-20EVAL1Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ISL28006
10
FN6548.4
September 16, 2010
FIGURE 13. GAIN ACCURACY vs VCC, VRS+ = 0.1V
FIGURE 14. NORMALIZED VOA vs IOUT
FIGURE 15. GAIN vs FREQUENCY VRS+ = 100mV/12V,
VSENSE = 100mV, VOUT = 50mVP-P
FIGURE 16. VOS (µV) vs TEMPERATURE
FIGURE 17. GAIN ACCURACY (%) vs TEMPERATURE
FIGURE 18. VOUT ERROR (%) vs TEMPERATURE
Typical Performance Curves V
cc = 12V, RL = 1M, unless otherwise specified. (Continued)
VCC (V)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
2
4
6
8
10 12 14 16 18 20 22 24 26 28
+125°C
+25°C
-40°C
+100°C
GAIN 100
VSENSE = 2mV, 20mV
10µ
100µ
1m
10m
IOUT(A)
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
+100°C
+25°C
-40°C
+125°C
GAIN 100
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
-35
-25
-15
-5
5
15
25
35
45
GAIN 100
VCC = 12V
AV = 100
RL = 1M
VSENSE = 100mV
VRS+ = 12V
VRS+= 100mV
-100
-80
-60
-40
-20
0
20
40
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
GAIN 100
VSENSE = 20mV, 100mV
VRS+ = 12V
-0.10
-0.05
0
0.05
0.10
0.15
0.20
0.25
0.30
-50
-25
0
255075
100
125
TEMPERATURE (°C)
GAIN 100
VSENSE = 20mV, 100mV
VRS+ = 12V
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
GAIN 100
VRS+ = 12V


Similar Part No. - ISL28006FH-20EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28006FH-20EVAL1Z INTERSIL-ISL28006FH-20EVAL1Z Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
ISL28006FH-20EVAL1Z INTERSIL-ISL28006FH-20EVAL1Z Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH-20EVAL1Z INTERSIL-ISL28006FH-20EVAL1Z Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
logo
Renesas Technology Corp
ISL28006FH-20EVAL1Z RENESAS-ISL28006FH-20EVAL1Z Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
More results

Similar Description - ISL28006FH-20EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
751Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH100Z-T7 INTERSIL-ISL28006FH100Z-T7 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com