Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3464 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3464
Description  LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3464 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM3464_10 Datasheet HTML 1Page - National Semiconductor (TI) LM3464_10 Datasheet HTML 2Page - National Semiconductor (TI) LM3464_10 Datasheet HTML 3Page - National Semiconductor (TI) LM3464_10 Datasheet HTML 4Page - National Semiconductor (TI) LM3464_10 Datasheet HTML 5Page - National Semiconductor (TI) LM3464_10 Datasheet HTML 6Page - National Semiconductor (TI) LM3464_10 Datasheet HTML 7Page - National Semiconductor (TI) LM3464_10 Datasheet HTML 8Page - National Semiconductor (TI) LM3464_10 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Absolute Maximum Ratings
(LM3464/LM3464A) (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
(LM3464/LM3464A)
V
IN to GND
-0.3V to 100V
DR1, DR2, DR3, DR4 to GND
-0.3V to 100V
EN to GND
-0.3V to 5.5V
All other inputs to GND
-0.3V to 7V
ESD Rating (Note 2)
Human Body Model
±2 kV
Storage Temperature Range
−65°C to + 150°C
Junction Temperature (T
J)
+ 150°C
Operating Ratings (LM3464)
Supply Voltage Range (VIN)
12V to 80V
Junction Temperature Range (T
J)
−40°C to + 125°C
Thermal Resistance (
θ
JA) (Note 3)
33.5°C/W
Thermal Resistance (
θ
JC) (Note 3)
6°C/W
Operating Ratings (LM3464A)
Supply Voltage Range (VIN)
12V to 95V
Junction Temperature Range (T
J)
−40°C to + 125°C
Thermal Resistance (
θ
JA) (Note 3)
33.5°C/W
Thermal Resistance (
θ
JC) (Note 3)
6°C/W
Electrical Characteristics (LM3464/LM3464A) Specification with standard type are for T
A = TJ =
+25°C only; limits in boldface type apply over the full Operating Junction Temperature (T
J) range. Minimum and Maximum are
guaranteed through test, design or statistical correlation. Typical values represent the most likely parametric norm at T
J = +25°C,
and are provided for reference purposes only. Unless otherwise stated the following conditions apply: V
IN = 48V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vcc Regulator
V
IN-UVLO
Vin under voltage lockout
V
IN increasing
8.5
V
V
IN-UVLO-HYS
Vin UVLO hysteresis
V
IN decreasing
95
mV
V
CC
VCC output voltage
C
VCC = 0.68 µF
No load
6.15
6.3
6.51
V
V
CC-UVLO
VCC under-voltage lockout threshold
(UVLO)
V
CC increasing
4.98
5.28
V
V
CC-UVLO-HYS
VCC UVLO hysteresis
V
CC decreasing
250
mV
I
IN
Quiescent Current from VIN
C
VCC = 0.68 µF
No load
1.65
2.3
3
mA
I
VCC
VCC Current limit
V
CC = 0V
18
mA
Device Enable
V
EN-DISABLE
Device disable voltage threshold
V
EN Decreasing
2.1
2.55
3
V
I
EN-MAX
EN pin internal pull current
V
EN = 0V
7.2
11
14.7
uA
Analog Dimming Control Interface
V
CTHM-MAX
Sawtooth max. voltage threshold at
Thermal_Cap pin
100% output duty cycle
2.95
3.25
3.3
V
V
CTHM-MIN
Sawtooth min. voltage threshold at
Thermal_Cap pin
0% output duty cycle
0.325
0.4
0.493
V
I
CTHM
Thermal_Cap pin output current
38.9
50
61
uA
PWM Dimming Control Interface
V
DIM-LED-ON
DIM pin voltage threshold at LED ON
V
DMIN = 0V
V
THERMAL = VCC
1.19
V
V
DIM-LED-OFF
DIM pin voltage threshold at LED OFF
V
DMIN = 0V
V
THERMAL = VCC
1.3
V
Dynamic Headroom Control Output
V
OutP-MAX
OutP pin max. output voltage
V
CC-0.5
V
V
OutP-MIN
OutP pin min. output voltage
IoutP = 1 mA current sink
0.3
V
V
LEDFB-LED-ON
VLedFB pin voltage threshold at LED ON
2.4
2.5
2.58
V
V
LEDFB-SYS-RST
System restart VLedFB pin voltage
threshold for system restart
Measure at VLedFB pin
1.2
V
5
www.national.com


Similar Part No. - LM3464_10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3464 NSC-LM3464_1 Datasheet
2Mb / 12P
   DHC 25W Reference Designs Dynamic Headroom Control (DHC)
logo
Texas Instruments
LM3464 TI1-LM3464_14 Datasheet
1Mb / 30P
[Old version datasheet]   LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
More results

Similar Description - LM3464_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3464 TI1-LM3464 Datasheet
1Mb / 33P
[Old version datasheet]   LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
LM3464 TI1-LM3464_14 Datasheet
1Mb / 30P
[Old version datasheet]   LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
LM3463 TI1-LM3463 Datasheet
1Mb / 33P
[Old version datasheet]   Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
LM3463 TI1-LM3463_12 Datasheet
1Mb / 40P
[Old version datasheet]   LM3463 Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
logo
National Semiconductor ...
LM3464 NSC-LM3464_1 Datasheet
2Mb / 12P
   DHC 25W Reference Designs Dynamic Headroom Control (DHC)
LM3535 NSC-LM3535 Datasheet
734Kb / 26P
   Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
logo
List of Unclassifed Man...
CS1694 ETC1-CS1694 Datasheet
234Kb / 10P
   Dynamic LED control/drive circuit
logo
Intersil Corporation
ISL97686 INTERSIL-ISL97686 Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
logo
Renesas Technology Corp
ISL97686 RENESAS-ISL97686 Datasheet
1Mb / 22P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
logo
Intersil Corporation
ISL97686IRTZ INTERSIL-ISL97686IRTZ Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com