Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA7852 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part No. LA7852
Description  CRT Display Synchronization Deflection Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7852 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA7852 Datasheet HTML 1Page - Sanyo Semicon Device LA7852 Datasheet HTML 2Page - Sanyo Semicon Device LA7852 Datasheet HTML 3Page - Sanyo Semicon Device LA7852 Datasheet HTML 4Page - Sanyo Semicon Device LA7852 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Sample Application Circuit
14’’ Color Monitor / fv = 60 Hz, fH = 15.734 kHz
LA7850 Family
Type Number
LA7850
LA7851
LA7852
LA7853
Package
DIP-20S
(Slim Type)
DIP-20S
(Slim Type)
DIP-22S
(Shrink Type)
DIP-22S
(Shrink Type)
Differences in
characteristics
Vertical
pull-in range
(fv = 60 Hz)
10 Hz
20 Hz
10 Hz
20 Hz
Ground pin
Horizontal/vertical
common
horizontal/vertical
common
Horizontal/vertical
separated
Horizontal/vertical
separated
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment,
nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or
indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
1 Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors
and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and
expenses associated with such use:
2 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on SANYO
ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume
production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use
or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of August, 1996. Specifications and information herein are subject to change without notice.
( ): Negative pulse mode
VR2 is fixed after adjustment
A05903
LA7852
No.2781-5/5


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn