Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA7852 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LA7852
Description  CRT Display Synchronization Deflection Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7852 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA7852 Datasheet HTML 1Page - Sanyo Semicon Device LA7852 Datasheet HTML 2Page - Sanyo Semicon Device LA7852 Datasheet HTML 3Page - Sanyo Semicon Device LA7852 Datasheet HTML 4Page - Sanyo Semicon Device LA7852 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CRT Display Synchronization Deflection Circuit
Overview
The LA7852 is a sync-deflection circuit IC dedicated to CRT
display use. It can be connected to the LA7832/7833, 7837/
7838 (for vertical output use) to form a sync-deflection circuit
that meets every requirement for CRT display use.
So far, ICs for color TV use have been applied to the sync-
deflection circuit for CRT display use, and general-purpose ICs
such as one-shot multivibrator, inverter and a lot of transistors
have been used to form the peripherals such as sync input
interface, horizontal phase shifter. The LA7852 contains these
peripherals on chip and adopts a stable circuit for horizontal
oscillation from 15 kHz to 100 kHz aiming at improving the
characteristics required for CRT display use.
The LA7852 has independent GND pins for the horizontal
block and vertical block, thus facilitating pattern layout for
applications where the LA7852 is used at high frequencies.
Features
.
The vertical pull-in range is approximately 10 Hz at
fv = 60 Hz.
.
The horizontal oscillation frequency can be adjusted stably
from 15 kHz to 100 kHz.
.
The horizontal display can be shifted right/left.
.
The horizontal/vertical sync input can be used intact
regardless of the difference in pulse polarity and pulse width.
.
The AFC feedback sawtooth wave can be obtained by
simply applying a flyback pulse to the IC as a trigger pulse.
.
Any duty of the horizontal pulse can be set.
.
Good vertical linearity because DC bias at vertical output
stage is subjected to sampling control within retrace time.
.
Excellent interlace and vertical jitter characteristics on the
high-definition display because of independent GND pins for
the horizontal block and vertical block.
Package Dimensions
unit : mm
3059-DIP22S
[LA7852]
SANYO : DIP22S
Built-in Functions
[Horizontal Block]
.
AFC
.
Horizontal OSC
.
X-ray protector
.
Horizontal phase shift
.
AFC sawtooth wave generator
.
Horizontal pulse duty setting
[Vertical Block]
.
Vertical OSC
.
Vertical sawtooth wave generator
.
Sampling type DC voltage control
Pd max – Ta
Ambient temperature, Ta – °C
Ordering number: EN2781B
Monolithic Linear IC
LA7852
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
81096HA(II)/9138YT/8228YT,TS No.2781-1/5


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn