Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SEL6010 Datasheet(PDF) 1 Page - Sanken electric

Part No. SEL6010
Description  3phi Round LEDs
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo 

SEL6010 Datasheet(HTML) 1 Page - Sanken electric

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
227
LEDs
■3
φ Round LEDs
SEL6010 Series (available as Direct Mount)
SEL6110R
Deep red
Diffused red
2.0
2.5
10
2.6
10
700
10
625
10
100
10
GaP
SEL6110S
Deep red
Transparent red
2.0
2.5
10
3.9
10
700
10
625
10
100
10
GaP
SEL6210R
Red
Diffused red
1.9
2.5
10
18
20
630
10
620
10
35
10
GaAsP
SEL6210S
Red
Transparent red
1.9
2.5
10
41
20
630
10
620
10
35
10
GaAsP
SEL6810A
Amber
Transparent orange
1.9
2.5
10
22
10
610
10
605
10
35
10
GaAsP
SEL6810D
Amber
Diffused orange
1.9
2.5
10
9.6
10
610
10
605
10
35
10
GaAsP
SEL6910A
Orange
Transparent orange
1.9
2.5
10
22
10
587
10
590
10
33
10
GaAsP
SEL6910D
Orange
Diffused orange
1.9
2.5
10
11
10
587
10
590
10
33
10
GaAsP
SEL6710K
Yellow
Transparent yellow
2.0
2.5
10
37
10
570
10
571
10
30
10
GaP
SEL6710Y
Yellow
Diffused yellow
2.0
2.5
10
11
10
570
10
571
10
30
10
GaP
SEL6410E
Green
Transparent green
2.0
2.5
10
90
20
560
10
567
10
20
10
GaP
SEL6410G
Green
Diffused green
2.0
2.5
10
30
20
560
10
567
10
20
10
GaP
SEL6510C
Pure green
Water clear
2.0
2.5
10
42
20
555
10
559
10
20
10
GaP
SEL6510G
Pure green
Diffused green
2.0
2.5
10
9.6
20
555
10
559
10
20
10
GaP
SEL6E10C
Blue
Water clear
4.0
4.8
20
60
20
430
20
466
20
65
20
GaN
SELK6E10C-D
High luminosity
Blue
Water clear
3.6
4.0
20
100
20
468
20
470
20
30
20
GaN on Si
SELK6E10C-2
       
Blue
Water clear
3.8
4.2
20
350
20
468
20
470
20
30
20
GaN on Si
SELU6910C-S
Ultrahigh luminosity Orange Water clear
2.0
2.5
20
550
20
591
20
590
20
15
20
AlGaInP
Part Number
Emitting Color
Lens Color
Forward Voltage
Luminous Intensity
Peak Wavelength
Dominant Wavelength Spectrum Half Bandwidth
Chip
Material
VF
(V)
TYP
TYP
TYP
TYP
TYP
MAX
Conditions
IF (mA)
Iv
(mcd)
Conditions
IF (mA)
λP
(nm)
Conditions
IF (mA)
∆λ
(nm)
Conditions
IF (mA)
λd
(nm)
Conditions
IF (mA)
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
0.8±
0.2
4.0±
0.2
(2.54)
ø
3.1±
0.1
4.4
0.45±
0.1
0.65max
Directional Characteristics (representative example)
External Dimensions
(Unit: mm)
Product Mass: Approx. 0.13 g
Dimensional Tolerance:
±0.3
Diffused lens
Transparent lens
5-1-1 Unicolor lamps


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn