Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3905U-020 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS3905U-020
Description  Triple 128-Position Nonvolatile Digital
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3905U-020 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS3905U-020 Datasheet HTML 1Page - Maxim Integrated Products DS3905U-020 Datasheet HTML 2Page - Maxim Integrated Products DS3905U-020 Datasheet HTML 3Page - Maxim Integrated Products DS3905U-020 Datasheet HTML 4Page - Maxim Integrated Products DS3905U-020 Datasheet HTML 5Page - Maxim Integrated Products DS3905U-020 Datasheet HTML 6Page - Maxim Integrated Products DS3905U-020 Datasheet HTML 7Page - Maxim Integrated Products DS3905U-020 Datasheet HTML 8Page - Maxim Integrated Products DS3905U-020 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Triple 128-Position Nonvolatile
Variable Digital Resistor/Switch
2
______________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40°C to +85°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage on VCC Pin Relative to Ground.................-0.5V to +6.0V
Voltage on SDA, SCL, A0, A1, A2
Relative to Ground*...................................-0.5V to VCC + 0.5V
Voltage on H0, H1, and
H2 Relative to Ground .......................................-0.5V to +6.0V
Current Through H0, H1, and H2..........................................3mA
Operating Temperature Range ...........................-40
°C to +85°C
Programming Temperature Range .........................0
°C to +70°C
Storage Temperature Range .............................-55
°C to +125°C
Soldering Temperature...................See J-STD-020 Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
2.7
5.5
V
Input Logic 1
VIH
0.7 x
VCC
VCC +
0.3
V
Input Logic 0
VIL
-0.3
0.3 x
VCC
V
Resistor Current
IR
3mA
Resistor Terminals H0, H1, H2
VCC = +2.7V to +5.5V
-0.3
+5.5
V
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage
IL
(Note 2)
-1
+1
µA
VCC = 3V (Note 3)
95
200
Standby Supply Current
ISTBY
VCC = 5V (Note 3)
145
200
µA
VOL1
3mA sink current
0
0.4
Low-Level Output Voltage (SDA)
VOL2
6mA sink current
0
0.6
V
ANALOG RESISTOR CHARACTERISTICS
(VCC = +2.7V to +5.5V, TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
20k
resistor
-1
+1
Absolute Linearity (Note 4)
INL
10k
resistor
-1
+1
LSB
20k
resistor
-0.5
+0.5
Relative Linearity (Note 5)
DNL
10k
resistor
-0.5
+0.5
LSB
Position 7Fh (20k
resistor)
-200
+123
+400
Temperature Coefficient (Note 6)
Position 7Fh (10k
resistor)
-150
+173
+450
ppm/°C
*This voltage must not exceed 6.0V.


Similar Part No. - DS3905U-020

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3905U-020 DALLAS-DS3905U-020 Datasheet
254Kb / 11P
   Triple 128-Position Nonvolatile Digital Variable Resistor/Switch
More results

Similar Description - DS3905U-020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Dallas Semiconductor
DS3904 DALLAS-DS3904 Datasheet
254Kb / 11P
   Triple 128-Position Nonvolatile Digital Variable Resistor/Switch
logo
Analog Devices
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5121 AD-AD5121 Datasheet
673Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
AD5121 AD-AD5121_17 Datasheet
791Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD7376ARWZ10 AD-AD7376ARWZ10 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com