Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS9490B Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS9490B
Description  USB to 1-Wire/iButton Adapter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9490B Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS9490B Datasheet HTML 1Page - Maxim Integrated Products DS9490B Datasheet HTML 2Page - Maxim Integrated Products DS9490B Datasheet HTML 3Page - Maxim Integrated Products DS9490B Datasheet HTML 4Page - Maxim Integrated Products DS9490B Datasheet HTML 5Page - Maxim Integrated Products DS9490B Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DS9490
5 of 6
ELECTRICAL CHARACTERISTICS
PARAMETER
SPECIFICATION
USB I/F
As defined in Chapter 7 of the USB Specification*
1-Wire I/F
See the DS2490 data sheet**
The DS9490R and DS9490B consume 58mA in USB active mode and 0.5mA in suspend mode*. The
DS9490R has the VBUS power and ground available on the RJ11 connector. In active mode the current
available to an externally powered fixture is 42mA* (100mA to 58mA); however it is recommended that
no more than 25mA be used. An external circuit can detect when the module is in suspend by monitoring
the
SUSO signal on Pin 5 of the RJ11 connector. When this condition is detected, the external circuit
must also go into a low power state. NOTE: The
SUSO pin of the DS2490 is an open drain output and
requires a pullup resistor to create a valid signal. See the DS2490 data sheet for the conditions where
SUSO is active. Revision C of the DS9490R and all revisions of the DS9490R# have SUSO routed to the
RJ11 connector. The availability of
SUSO at the RJ11 connector is not production tested. Therefore,
before relying on
SUSO in an application, first verify the presence of this signal with the particular
adapter.
*Guaranteed by design, not production tested.
**Tested at DS2490 component level.
Figure 8. FUNCTIONAL DIAGRAM
EMI Filter
VBUS
D-
D+
GND
VIN
VOUT
EN
N/C
GND
LP2980IM5-3.3
PMOD
VD
NC
NC
NC
NC
NC
NC
VB
X1
SUSO
X0
D-
NC
D+
VPP
NC
NC
OW
NC
NC
NC
GND
NC
DS2490
C2
1.0uF
EMI Filter
C3
4.7
R2 24
R3 24
R1
1.5K
C1
0.1uF
OW
GND
DS2401
OW
GND
DS9503
USB
Connector
C6
33pF
C5
33pF
X1
12Mhz
L1
L2
C7
33pF
C8
33pF
U1
U2
U3
U4
J2
1
2
1
2
J1
1
2
3
4
1
3
4
5
2
1
5
7
8
12
24
19
20
17
10
1
2
3
4
5
6
Female RJ11
DS9490R
DS9490B
1
2
iButton Socket
J3
6
5
3
1
R7 10


Similar Part No. - DS9490B

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9490B DALLAS-DS9490B Datasheet
216Kb / 5P
   USB to 1-Wire/iButton Adapter
logo
Maxim Integrated Produc...
DS9490B MAXIM-DS9490B Datasheet
418Kb / 44P
   High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 3; 4/11
DS9490B MAXIM-DS9490B Datasheet
240Kb / 6P
   USB to 1-Wire/iButton Adapters High-Speed 12Mbps Universal Serial Bus (USB) Interface
Rev 6/11
More results

Similar Description - DS9490B

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9490B DALLAS-DS9490B Datasheet
216Kb / 5P
   USB to 1-Wire/iButton Adapter
logo
Maxim Integrated Produc...
DS9481R MAXIM-DS9481R Datasheet
1Mb / 9P
   DS9481R USB-to-1-Wire/iButton Adapter Evaluates: 1-Wire Slave and iButton Devices
Rev 0; 10/10
DS9490R MAXIM-DS9490R_11 Datasheet
240Kb / 6P
   USB to 1-Wire/iButton Adapters High-Speed 12Mbps Universal Serial Bus (USB) Interface
Rev 6/11
logo
Banner Engineering Corp...
BWA-USB1WIRE-001 BANNER-BWA-USB1WIRE-001 Datasheet
87Kb / 2P
   Sure Cross짰 1-Wire Serial to USB Adapter Cable
logo
Maxim Integrated Produc...
DS2490 MAXIM-DS2490 Datasheet
1Mb / 50P
   USB to 1-Wire Bridge Chip
10/09
logo
Dallas Semiconductor
DS2490 DALLAS-DS2490 Datasheet
530Kb / 50P
   USB to 1-Wire Bridge Chip
logo
Maxim Integrated Produc...
MAXQUSBJTAGOW-KIT MAXIM-MAXQUSBJTAGOW-KIT Datasheet
1Mb / 24P
   MAXQ USB-to-JTAG/1-Wire AdapterFor
19-6503; Rev 0; 10/12
logo
Future Technology Devic...
UT232R-500 FTDI-UT232R-500 Datasheet
495Kb / 24P
   USB to RS232 Adapter cable
logo
SparkFun Electronics
COM-14567 SPARKFUN-COM-14567 Datasheet
135Kb / 2P
   USB to Micro?륛 Adapter
2????8
logo
Pepperl+Fuchs Inc.
PSPA1C1GE PF-PSPA1C1GE Datasheet
311Kb / 1P
   USB-C to Ethernet Adapter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com