Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEL1410E Datasheet(PDF) 2 Page - Sanken electric

Part # SEL1410E
Description  5phi Round Standard LED (With Stopper)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SEL1410E Datasheet(HTML) 2 Page - Sanken electric

  SEL1410E Datasheet HTML 1Page - Sanken electric SEL1410E Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
218
LEDs
Absolute Maximum Ratings
●Visible Light Unicolor Lamp
Parameter
Unit
70
−30 to +80
35
75
−0.45
−30 to +100
30
120
100
−30 to +85
Conditions
GaP
GaAsP
GaAlAs
AlGaInP
InGaN
GaN
Ratings
mW
mA
mA/
°C
mA
V
°C
°C
PD
IF
∆IF
IFP
VR
Top
Tstg
25
°C or higher
f=1kHz, tw
≤100 s
µ
●Visible Light Bicolor Lamp
GaP
GaAsP
GaAlAs
AlGaInP
InGaN
120
Ratings
75
Conditions
30
−0.45
100
−30 to +85
−30 to +100
Parameter
Unit
45
PD
IF
∆IF
IFP
VR
Top
Tstg
mW
mA
mA/
°C
mA
V
°C
°C
Same conditions for simultaneous lighting
25
°C or higher
f=1kHz, tw
≤100 s
µ
●Visible Light Unicolor Surface Mount LEDs
Parameter
Unit
3
5
−30 to +100
−30 to +85
30
−0.45
100*1
−30 to +80
20
−0.27
70*2
*1: 70mA for SEC1005/1007 Series
*2: 50mA for SEC1005/1007 Series
GaP
GaAsP
GaAlAs
AlGaInP
InGaN
GaN
Ratings
Conditions
IF
∆IF
IFP
VR
Top
Tstg
mA
mA/
°C
mA
V
°C
°C
25
°C or higher
f=1kHz, tw
≤100 s
µ
●Visible Light Bicolor Surface Mount LEDs
Parameter
Unit
Conditions
SEC2002/2004
75
(Same conditions for simultaneous lighting)
30
−0.45
70
4
−30 to +85
−30 to +100
Ratings
IF
∆IF
IFP
VR
Top
Tstg
mA
mA/
°C
mA
V
°C
°C
PD
mW
25
°C or higher
f=1kHz, tw
≤100 s
µ
●Visible Light Three Element Surface Mount LEDs
Red
Green/Blue
5
−30 to +80
−30 to +100
Parameter
Unit
Conditions
Ratings
SECT3M02C-S
120
50
30
−0.45
PD
IF
∆IF
IFP
VR
Top
Tstg
mW
mA
mA/
°C
mA
V
°C
°C
75
70
When one chip lights up
(same as green/blue for simultaneous lighting)
25
°C or higher
f=1kHz, tw
≤100 s
µ
5-1 Visible Light LEDs


Similar Part No. - SEL1410E

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL1410E SANKEN-SEL1410E Datasheet
27Kb / 1P
   5phi Round Standard LED (With Stopper)
SEL1410EM SANKEN-SEL1410EM Datasheet
24Kb / 1P
   5phi Round Standard LED
SEL1410EM SANKEN-SEL1410EM Datasheet
435Kb / 2P
   5phi Round Standard LEDs
More results

Similar Description - SEL1410E

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL1010 SANKEN-SEL1010 Datasheet
27Kb / 1P
   5phi Round Standard LED (With Stopper)
SML1016 SANKEN-SML1016 Datasheet
34Kb / 1P
   5phi Round Standard Bicolor LED
SEL1010M SANKEN-SEL1010M Datasheet
24Kb / 1P
   5phi Round Standard LED
SEL1010M SANKEN-SEL1010M_08 Datasheet
435Kb / 2P
   5phi Round Standard LEDs
SID300 SANKEN-SID300 Datasheet
27Kb / 1P
   5phi Round Infrared LED
SML1016 SANKEN-SML1016_08 Datasheet
444Kb / 2P
   5phi Round Standard Bicolor LEDs
SID1010M SANKEN-SID1010M Datasheet
26Kb / 1P
   5phi Round Infrared LED
SML10051 SANKEN-SML10051 Datasheet
29Kb / 1P
   5phi Round Bicolor LED
SEL1010XM SANKEN-SEL1010XM Datasheet
26Kb / 1P
   5phi Round Wide-directivity LED
SID1050M SANKEN-SID1050M Datasheet
24Kb / 1P
   5phi Round Infrared LED (Direct Mount)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com