Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LA7836 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LA7836
Description  Vertical Deflection Output Circuit with Driver for TV Sets and Monitors
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LA7836 Datasheet(HTML) 2 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LA7836
No.2861–2/5
Operating Characteristics at Ta = 25˚C, +VCC1=12V, +VCC7=24V
Operating Supply Voltage Conditions
Recommended Operating Conditions
Pin Assignment and Block Diagram
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
t
i
u
c
r
i
c
r
e
v
i
r
d
r
o
f
e
g
a
t
l
o
v
y
l
p
p
u
SV
+
1
C
C
4
1
o
t
8V
t
i
u
c
r
i
c
p
u
-
p
m
u
p
r
o
f
e
g
a
t
l
o
v
y
l
p
p
u
SV
+
7
C
C
7
2
o
t
0
1V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
t
i
u
c
r
i
c
r
e
v
i
r
d
r
o
f
e
g
a
t
l
o
v
y
l
p
p
u
SV
+
1
C
C
2
1
)
9
(V
t
i
u
c
r
i
c
p
u
-
p
m
u
p
r
o
f
e
g
a
t
l
o
v
y
l
p
p
u
SV
+
7
C
C
4
2V
t
n
e
r
r
u
c
t
u
p
t
u
o
n
o
i
t
c
e
l
f
e
DI
p
-
p
1
1
x
a
m
2
.
2p
-
p
A
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
y
l
p
p
u
s
r
e
w
o
p
r
e
v
i
r
d
n
i
t
n
e
r
r
u
c
t
n
e
c
s
e
i
u
QI
1
C
C
8
.
18
.
28
.
3A
m
e
g
a
t
l
o
v
d
l
o
h
s
e
r
h
t
t
u
p
n
i
r
e
g
g
i
r
TV2
8
.
21
.
34
.
3V
n
i
p
l
o
r
t
n
o
c
e
z
i
s
l
a
c
i
t
r
e
v
n
o
e
g
a
t
l
o
VV3
9
.
51
.
63
.
6V
e
g
a
t
l
o
v
t
r
a
t
s
e
p
a
h
s
m
r
o
f
e
v
a
w
p
m
a
RV
P
M
A
R
7
.
40
.
53
.
5V
e
g
a
t
l
o
v
n
o
i
t
a
r
u
t
a
s
e
g
r
a
h
c
p
u
-
p
m
u
PV
0
1
-
8
S
5
.
1V
e
g
a
t
l
o
v
n
o
i
t
a
r
u
t
a
s
e
g
r
a
h
c
s
i
d
p
u
-
p
m
u
PV
8
-
7
S
A
1
.
1
=
I
2
.
3V
)
r
e
w
o
l
(
e
g
a
t
l
o
v
n
o
i
t
a
r
u
t
a
s
t
u
p
t
u
o
n
o
i
t
c
e
l
f
e
DV
0
1
-
1
1
S
A
1
.
1
=
I
5
.
1V
)
r
e
p
p
u
(
e
g
a
t
l
o
v
n
o
i
t
a
r
u
t
a
s
t
u
p
t
u
o
n
o
i
t
c
e
l
f
e
DV
1
1
-
2
1
S
A
1
.
1
=
I
5
.
3V
t
n
e
r
r
u
c
g
n
il
d
I
6
12
22
3A
m
n
i
a
g
e
g
a
t
l
o
VG
V O
z
H
k
1
=
f9
5B
d


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn