Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWR4413 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PWR4413
Description  Current Sense Resistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PWR4413 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PWR4413 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Low inductance
High overload capability
Wide operating temperature range
High power
RoHS compliant*
Applications
Rectifiers
Inverter drives
Switching power supplies
PWR4413 Series Current Sense Resistors
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
General Information
The Bourns® PWR4413 Series is
a through-hole current sense resistor
with a high overload capability and a
wide operating temperature range.
Performance
ΔR
Load Life (1000 Hours @ 70 °C) ... 2.5 %
Moisture No Load 100 Hours .......... 1 %
Temperature Cycling
(-40 °C to +125 °C, 1000 Cycles)...1 %
Electrical Specifications
Power Rating @ 85 °C .... 1 W, 3 W, 5 W
Resistance Range .......0.01 to 0.1 ohms
(See Standard Resistance Table)
Temperature Range ......-55 ° to +325 °C
Maximum Working Voltage.............√P*R
Short Time Overload
.......... 5 x Rated Power for 5 seconds
Temperature Coefficient
...........±900 ppm/°C to ±60 ppm/°C**
Packaging..........................250 pcs./bag
**Dependent on resistor value.
Product Dimensions
08/09
Power
Rating
(W)
Version
Dimension L
Dim. H
(Max.)
Dimension W
Resistance
Values (Ω)
1B
11.43 +1.02/-0.51
(0.450 +0.04/-0.02)
13.5
(0.59)
0.8 ± 0.05
(0.03 ± 0.002)
0.01 - 0.05
3C
15.24 +1.02/-0.51
(0.60 +0.04/-0.02)
16.0
(0.63)
1.0 ± 0.05
(0.04 ± 0.002)
0.01 - 0.1
5D
20.32 +1.02/-0.51
(0.80 +0.04/-0.02)
26.0
(1.02)
1.0 ± 0.05
(0.04 ± 0.002)
0.01 - 0.05
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
How to Order
PWR4413 D R050 J
Model
Version
B = 1 W
C = 3 W
D = 5 W
Resistance Code
4 Digits - See Standard Resistance Table
Resistance Tolerance
J = 5 %
F = 1 %
Power Derating Curve
Standard Resistance Table
Resistance Values
Resistance
Code
1 W
3 W
5 W
R010
0.01
0.01
0.01
R015
N/A
0.015
N/A
R020
0.02
0.02
0.02
R025
0.025
0.025
0.025
R030
0.03
0.03
0.03
R040
N/A
0.04
0.04
R050
0.05
0.05
0.05
R100
0.1
Other resistance values available upon
request.
MILLIMETERS
(INCHES)
DIMENSIONS =
L
W
TEST POINT
Resistance measurement must be made using a 4-wire system and insulated clips attached at the Test Point.
Terminal Pins are Tin-Plated Copper.
NOTES:
4.0
(0.157)
MAX.
4.5 ± 1.0
(0.18 ± 0.042)
H
Ambient Temperature (°C)
100
80
60
40
20
0
0
25
85
100
150
200
250
300
325


Similar Part No. - PWR4413

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR4413BR0100 BOURNS-PWR4413BR0100 Datasheet
28Kb / 1P
   Free to Air Shunt Resistor
PWR4413CR0100 BOURNS-PWR4413CR0100 Datasheet
28Kb / 1P
   Free to Air Shunt Resistor
PWR4413DR0100 BOURNS-PWR4413DR0100 Datasheet
30Kb / 1P
   Free to Air Shunt Resistor
PWR4413DR050J BOURNS-PWR4413DR050J Datasheet
104Kb / 1P
   Current Sense Resistors
More results

Similar Description - PWR4413

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
CTL05R015FJM AAC-CTL05R015FJM Datasheet
222Kb / 2P
   CURRENT SENSE RESISTORS
logo
Bourns Electronic Solut...
PWR4413DR050J BOURNS-PWR4413DR050J Datasheet
104Kb / 1P
   Current Sense Resistors
logo
List of Unclassifed Man...
SR10 ETC2-SR10 Datasheet
327Kb / 1P
   Precision Current Sense Resistors
logo
Ohmite Mfg. Co.
TGHG OHMITE-TGHG Datasheet
345Kb / 2P
   Precision Current Sense Resistors
TGHGCR0005FE OHMITE-TGHGCR0005FE Datasheet
106Kb / 1P
   Precision Current Sense Resistors
logo
American Accurate Compo...
LR01R005FM AAC-LR01R005FM Datasheet
103Kb / 1P
   METAL FOIL CURRENT SENSE RESISTORS
logo
Tyco Electronics
SBL4R051J MACOM-SBL4R051J Datasheet
439Kb / 1P
   Low Ohmic - Current Sense Resistors
logo
Token Electronics Indus...
TCS02 TOKEN-TCS02 Datasheet
420Kb / 5P
   TCS Current Sense Chip Resistors
logo
RHOPOINT COMPONENTS
SMK-R010-5.0 RHOPOINT-SMK-R010-5.0 Datasheet
140Kb / 3P
   Precision Resistors for Current Sense
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com