Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWR220T-20-10R0F Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PWR220T-20-10R0F
Description  Power Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PWR220T-20-10R0F Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PWR220T-20-10R0F Datasheet HTML 1Page - Bourns Electronic Solutions PWR220T-20-10R0F Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Temperature of Backplate (
°C)
100
80
120
60
40
20
0
-20
25
35
75
55
45
95
105
65
85
115 125 135 145 155
Features
TO-220 housing
Low inductance
Resistor electrically isolated from the
backplate
High power rating
RoHS compliant*
Applications
Power supplies
Motor drives
Test and measurement
Rectifiers
Electrical & Thermal Characteristics
PWR220T-20 Series Power Resistor
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
General Information
Bourns® PWR220T-20 Series is a TO-220 DPAK style power resistor. Manufactured using thick film on alumina ceramic technology, it
is used in current measurement, snubber, bleeder and discharge circuits.
Parameter
Value(s)
Resistance (See table of standard values)
0.02
Ω to 130 KΩ
Power Rating @ 25 ˚C Case Temperature
20 W
Tolerance
±1 %**,
±5 %
TCR
0.02
Ω<R<130.0K Ω
±100 PPM/˚C
Thermal Resistance - Rthj
6.5 ˚C/W
Inductance
0.1 µH maximum
Operating Voltage
√P*R with a maximum of 250 V
Dielectric Strength
2 KV AC
Insulation Resistance
10 G
Ω
Operating Temperature
-55 ˚C to 155 ˚C
Material Characteristics
Resistor .................................. Thick film
Substrate ......................Alumina (AL203)
Housing ........................................Epoxy
Pins.................... Tinned Copper (Sn/Cu)
Flammability ........Conforms to UL-94V0
Derating Curve
Reliability Characteristics
Parameter
Specification
Short Term Overload (2x Pr for R < 2
Ω,
1.6 x Pr for R
≥ 2 Ω, V < 1.5 x Operating Voltage)
ΔR ±0.25 %
Load Life (1000 hours at rated power)
ΔR ±1.0 %
Thermal Shock (-55 ˚C to 155 ˚C, 5 cycles)
ΔR ±0.5 %
Resistance to Soldering Heat (10 seconds at 270 ˚C)
ΔR ±0.5 %
Vibration (20 G 10-2000 Hz .06 ” D.A.)
ΔR ±0.25 %
Terminal Strength (MIL-STD-202, Method 211
Test A1)
ΔR ±0.2 %
Shock (Saw Tooth: 100 g/6 ms)
ΔR ±0.5 %
Humidity (Steady State) 1000 hrs. 85 °C/85 % RH
ΔR ±0.5 %
High Temperature Exposure
(100 hrs - 40 % Pr @ +125 °C)
ΔR ±0.5 %
Standard Resistance Values
Code
Resistance
Value
Code
Resistance
Value
R020
0.02***
20R0
20
R050
0.05***
30R0
30
R100
0.1
33R0
33
R500
0.5
47R0
47
R750
0.75
50R0
50
1R00
1
56R0
56
1R50
1.5
75R0
75
2R00
2
1000
100
2R20
2.2
2000
200
2R50
2.5
3300
330
3R00
3
4700
470
3R30
3.3
7500
7500
4R70
4.7
1001
1000
5R00
5
3301
3300
7R50
7.5
1002
10000
8R20
8.2
3002
33000
10R0
10
1003
100000
15R0
15
1303
130000
Typical Part Marking
220
20
R500 1%
902
COSTA RICA
MANUFACTURER'S
TRADEMARK
MODEL
NUMBER
RESISTANCE
CODE
TOLERANCE
DATE CODE
COUNTRY
OF ORIGIN
Packaging
............................................50 pcs./tube
220
20
3302
1%
923
COST
A RICA
** Available for most values. Check Standard Resistance Values table.
*** 5 % Tolerance


Similar Part No. - PWR220T-20-10R0F

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR220T-20-10R0F BOURNS-PWR220T-20-10R0F Datasheet
317Kb / 2P
   PWR220T-20 Series Power Resistor
PWR220T-20-10R0F BOURNS-PWR220T-20-10R0F Datasheet
317Kb / 2P
   Power Resistor
More results

Similar Description - PWR220T-20-10R0F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR01 ETC2-PR01 Datasheet
806Kb / 13P
   POWER RESISTOR
logo
Bourns Electronic Solut...
PWR263020XXX BOURNS-PWR263020XXX Datasheet
50Kb / 2P
   Power Resistor
PWR220020XXX BOURNS-PWR220020XXX Datasheet
98Kb / 2P
   Power Resistor
PWR220F BOURNS-PWR220F_11 Datasheet
664Kb / 3P
   Power Resistor
PWR220T-20-10R0F BOURNS-PWR220T-20-10R0F Datasheet
317Kb / 2P
   Power Resistor
PWR220035XXX BOURNS-PWR220035XXX Datasheet
49Kb / 2P
   Power Resistor
PWR220F BOURNS-PWR220F Datasheet
307Kb / 3P
   Power Resistor
PWR3920S BOURNS-PWR3920S Datasheet
224Kb / 2P
   Power Resistor
PWR221T-30-10R0F BOURNS-PWR221T-30-10R0F Datasheet
314Kb / 3P
   Power Resistor
PWR221T-30-10R0F BOURNS-PWR221T-30-10R0F_16 Datasheet
316Kb / 3P
   Power Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com