Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93C46BR0I-I8T1G Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # S-93C46BR0I-I8T1G
Description  3-WIRE SERIAL E2PROM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C46BR0I-I8T1G Datasheet(HTML) 2 Page - Seiko Instruments Inc

  S-93C46BR0I-I8T1G Datasheet HTML 1Page - Seiko Instruments Inc S-93C46BR0I-I8T1G Datasheet HTML 2Page - Seiko Instruments Inc S-93C46BR0I-I8T1G Datasheet HTML 3Page - Seiko Instruments Inc S-93C46BR0I-I8T1G Datasheet HTML 4Page - Seiko Instruments Inc S-93C46BR0I-I8T1G Datasheet HTML 5Page - Seiko Instruments Inc S-93C46BR0I-I8T1G Datasheet HTML 6Page - Seiko Instruments Inc S-93C46BR0I-I8T1G Datasheet HTML 7Page - Seiko Instruments Inc S-93C46BR0I-I8T1G Datasheet HTML 8Page - Seiko Instruments Inc S-93C46BR0I-I8T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
3-WIRE SERIAL E
2PROM
S-93C46B/56B/66B
Rev.7.0_00
Seiko Instruments Inc.
2
Pin Configurations
8-Pin DIP
Top view
Table 1
Pin No.
Symbol
Description
1
CS
Chip select input
2
SK
Serial clock input
3
DI
Serial data input
4
DO
Serial data output
5
GND
Ground
6
TEST
*1
Test
7
NC
No connection
8
VCC
Power supply
*1.
Connect to GND or VCC.
Even if this pin is not connected, performance is not affected so
long as the absolute maximum rating is not exceeded.
1
2
3
4
8
7
6
5
VCC
NC
TEST
GND
CS
SK
DO
DI
Figure 1
S-93C46BD0I-D8S1G
S-93C56BD0I-D8S1G
S-93C66BD0I-D8S1G
8-Pin SOP(JEDEC)
Top view
Table 2
Pin No.
Symbol
Description
1
CS
Chip select input
2
SK
Serial clock input
3
DI
Serial data input
4
DO
Serial data output
5
GND
Ground
6
TEST
*1
Test
7
NC
No connection
8
VCC
Power supply
*1. Connect to GND or VCC.
Even if this pin is not connected, performance is not affected so
long as the absolute maximum rating is not exceeded.
1
2
3
4
8
7
6
5
VCC
NC
TEST
GND
CS
SK
DO
DI
Figure 2
S-93C46BD0I-J8T1x
S-93C56BD0I-J8T1x
S-93C66BD0I-J8T1x


Similar Part No. - S-93C46BR0I-I8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46BR0I-I8T1G SII-S-93C46BR0I-I8T1G Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
More results

Similar Description - S-93C46BR0I-I8T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46C SII-S-93C46C Datasheet
2Mb / 39P
   3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93C46C ABLIC-S-93C46C Datasheet
641Kb / 39P
   3-WIRE SERIAL E2PROM
Rev.1.1_01
logo
Seiko Instruments Inc
S93S46A SII-S93S46A Datasheet
362Kb / 25P
   3-WIRE SERIAL E2PROM FOR AUTOMOTIVE
S-93A46B SII-S-93A46B Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93C86B-H SII-S93C86B-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S24C256C SII-S24C256C Datasheet
1Mb / 35P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C512C ABLIC-S-24C512C Datasheet
493Kb / 35P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
logo
Seiko Instruments Inc
S-93C76A-H SII-S-93C76A-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C46C-H SII-S-93C46C-H Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93L76A SII-S93L76A Datasheet
1Mb / 37P
   LOW VOLTAGE OPERATION 3-WIRE SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com