Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93C66B Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-93C66B
Description  3-WIRE SERIAL E2PROM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C66B Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-93C66B Datasheet HTML 4Page - Seiko Instruments Inc S-93C66B Datasheet HTML 5Page - Seiko Instruments Inc S-93C66B Datasheet HTML 6Page - Seiko Instruments Inc S-93C66B Datasheet HTML 7Page - Seiko Instruments Inc S-93C66B Datasheet HTML 8Page - Seiko Instruments Inc S-93C66B Datasheet HTML 9Page - Seiko Instruments Inc S-93C66B Datasheet HTML 10Page - Seiko Instruments Inc S-93C66B Datasheet HTML 11Page - Seiko Instruments Inc S-93C66B Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
3-WIRE SERIAL E
2PROM
S-93C46B/56B/66B
Rev.7.0_00
Seiko Instruments Inc.
8
DC Electrical Characteristics
Table 15
(Ta =
−40 to +85°C unless otherwise specified)
VCC = 4.5 to 5.5 V VCC = 2.5 to 4.5 V VCC = 1.8 to 2.5 V
Item
Symbol
Conditions
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Current consumption
(READ)
ICC1
DO no load
0.8
0.5
0.4
mA
Table 16
(Ta =
−40 to +85°C unless otherwise specified)
VCC = 4.5 to 5.5 V
VCC = 2.7 to 4.5 V
Item
Symbol
Conditions
Min.
Max.
Min.
Max.
Unit
Current consumption
(WRITE)
ICC2
DO no load
2.0
1.5
mA
Table 17
(Ta =
−40 to +85°C unless otherwise specified)
VCC =
4.5 to 5.5 V
VCC =
2.5 to 4.5 V
VCC =
1.8 to 2.5 V
Item
Symbol
Conditions
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Standby current
consumption
ISB
CS
= GND, DO = Open,
Other inputs to VCC or GND
1.5
1.5
1.5
μA
Input leakage
current
ILI
VIN = GND to VCC
1.0
1.0
1.0
μA
Output leakage
current
ILO
VOUT = GND to VCC
1.0
1.0
1.0
μA
IOL = 2.1 mA
0.4
V
Low level output
voltage
VOL
IOL = 100 μA
0.1
0.1
0.1
V
IOH = −400 μA
2.4
V
IOH = −100 μA
VCC− 0.3
VCC− 0.3
V
High level output
voltage
VOH
IOH = −10 μA
VCC− 0.2
VCC− 0.2
VCC− 0.2 ⎯
V
Write enable latch
data hold voltage
VDH
Only when write
disable mode
1.5
1.5
1.5
V


Similar Part No. - S-93C66B

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C66B SII-S-93C66B Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93C66B SII-S-93C66B Datasheet
1Mb / 34P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C66BD0H-D8S1G SII-S-93C66BD0H-D8S1G Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93C66BD0H-I8T1G SII-S-93C66BD0H-I8T1G Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
S-93C66BD0H-J8T1G SII-S-93C66BD0H-J8T1G Datasheet
498Kb / 45P
   CMOS SERIAL E2PROM
More results

Similar Description - S-93C66B

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46C SII-S-93C46C Datasheet
2Mb / 39P
   3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93C46C ABLIC-S-93C46C Datasheet
641Kb / 39P
   3-WIRE SERIAL E2PROM
Rev.1.1_01
logo
Seiko Instruments Inc
S93S46A SII-S93S46A Datasheet
362Kb / 25P
   3-WIRE SERIAL E2PROM FOR AUTOMOTIVE
S-93A46B SII-S-93A46B Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93C86B-H SII-S93C86B-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S24C256C SII-S24C256C Datasheet
1Mb / 35P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C512C ABLIC-S-24C512C Datasheet
493Kb / 35P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
logo
Seiko Instruments Inc
S-93C76A-H SII-S-93C76A-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C46C-H SII-S-93C46C-H Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93L76A SII-S93L76A Datasheet
1Mb / 37P
   LOW VOLTAGE OPERATION 3-WIRE SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com