Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP3025LK3 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMP3025LK3
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3025LK3 Datasheet(HTML) 6 Page - Diodes Incorporated

  DMP3025LK3 Datasheet HTML 1Page - Diodes Incorporated DMP3025LK3 Datasheet HTML 2Page - Diodes Incorporated DMP3025LK3 Datasheet HTML 3Page - Diodes Incorporated DMP3025LK3 Datasheet HTML 4Page - Diodes Incorporated DMP3025LK3 Datasheet HTML 5Page - Diodes Incorporated DMP3025LK3 Datasheet HTML 6Page - Diodes Incorporated DMP3025LK3 Datasheet HTML 7Page - Diodes Incorporated DMP3025LK3 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DMP3025LK3
Document Revision: 1
6 of 8
www.diodes.com
July 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMP3025LK3
Typical Characteristics - continued
110
0
500
1000
1500
2000
2500
C
RSS
C
OSS
C
ISS
V
GS
= 0V
f = 1MHz
-V
DS
- Drain - Source Voltage (V)
0
5
10
15
20
25
30
35
0
1
2
3
4
5
6
7
8
9
10
I
D
= 7.1A
V
DS
= 15V
Gate-Source Voltage v Gate Charge
Capacitance v Drain-Source Voltage
Q - Charge (nC)
Test Circuits
Current
regulator
Charge
Gate charge test circuit
Switching time test circuit
Basic gate charge waveform
Switching time waveforms
D.U.T
50k
0.2 F
12V
Same as
D.U.T
V
GS
V
GS
VDS
VG
QGS
QGD
QG
VGS
90%
10%
t(on)
t(on)
td(on)
tr
tr
td(off)
V
DS
V
DD
R
D
R
G
Pulse width
1 S
Duty factor 0.1%
V
DS
I
D
I
G


Similar Part No. - DMP3025LK3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
DMP3025LK3-13 VBSEMI-DMP3025LK3-13 Datasheet
1,017Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - DMP3025LK3

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
   -30V PP-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
   30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
   30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3401LSN TYSEMI-DMG3401LSN Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
   30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
   30V P-Channel ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3008SFGQ DIODES-DMP3008SFGQ Datasheet
543Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com