Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP7217C Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP7217C
Description  1.25V 600mA CMOS LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7217C Datasheet(HTML) 7 Page - Diodes Incorporated

  AP7217C Datasheet HTML 1Page - Diodes Incorporated AP7217C Datasheet HTML 2Page - Diodes Incorporated AP7217C Datasheet HTML 3Page - Diodes Incorporated AP7217C Datasheet HTML 4Page - Diodes Incorporated AP7217C Datasheet HTML 5Page - Diodes Incorporated AP7217C Datasheet HTML 6Page - Diodes Incorporated AP7217C Datasheet HTML 7Page - Diodes Incorporated AP7217C Datasheet HTML 8Page - Diodes Incorporated AP7217C Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AP7217C
1.25V 600mA CMOS LDO
AP7217C Rev. 3
7 of 9
OCTOBER 2009
DS31424
www.diodes.com
© Diodes Incorporated
Application Note
Input Capacitor
A 1
µF ceramic capacitor is recommended to connect between IN
and GND pins to decouple input power supply glitch and noise.
The amount of the capacitance may be increased without limit. A
lower ESR (Equivalent Series Resistance) capacitor allows the
use of less capacitance, while higher ESR type requires more
capacitance. This input capacitor must be located as close as
possible to the device to assure input stability and less noise. For
PCB layout, a wide copper trace is required for both IN and GND.
Output Capacitor
The output capacitor is required to stabilize and help the transient
response of the LDO. The AP7217C is designed to have
excellent transient response for most applications with a small
amount of output capacitance. The AP7217C is stable with any
small ceramic output capacitors of 1.0
µF or higher value, and the
temperature coefficients of X7R or X5R type.
Additional
capacitance helps to reduce undershoot and overshoot during
transient. For PCB layout, the output capacitor must be placed as
close as possible to OUT and GND pins, and keep the leads as
short as possible.
ENABLE/SHUTDOWN Operation
The AP7217C (SOP-8L-EP) is turned on by setting the EN pin
high, and is turned off by pulling it low. If this feature is not used,
the EN pin should be tied to IN pin to keep the regulator output on
at all time. To ensure proper operation, the signal source used to
drive the EN pin must be able to swing above and below the
specified turn-on/off voltage thresholds listed in the Electrical
Characteristics section under VIL and VIH.
Thermal Considerations
Thermal
Shutdown
Protection
limits
power
dissipation
in
AP7217C. When the operation junction temperature exceeds
140°C, the Over Temperature Protection circuit starts the thermal
shutdown function and turns the pass element off. The pass
element turn on again after the junction temperature cools by
30°C. For continuous operation, do not exceed absolute
maximum operation junction temperature 125°C. The power
dissipation definition in device is:
PD = (VIN − VOUT) x IOUT + VIN x IQ
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of surroundings
airflow and temperature difference between junctions to ambient.
The maximum power dissipation can be calculated by following
formula:
PD(MAX) = ( TJ(MAX) - TA ) / θJA
Where TJ(MAX) is the maximum operation junction temperature
125°C, TA is the ambient temperature and the θJA is the junction
to ambient thermal resistance.
Current Limit Protection
When output current at OUT pin is higher than current limit
threshold, the current limit protection will be triggered and clamp
the
output
current
to
approximately
750mA
to
prevent
over-current and to protect the regulator from damage due to
overheating.
Short circuit protection
When VOUT pin is shorted to GND or VOUT voltage is less than
200mV, short circuit protection will be triggered and clamp the
output current to approximately 70mA.
Vin
Vout
C
Co
ESR
Iin
IN
AP7217C
GND
Iq
OUT
Iout


Similar Part No. - AP7217C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7217 DIODES-AP7217 Datasheet
251Kb / 7P
   500mA CMOS LDO
AP7217 Rev. 1
AP7217 DIODES-AP7217 Datasheet
234Kb / 10P
   500mA CMOS LDO
DS31292 Rev. 4 - 2
AP7217-33SG-13 DIODES-AP7217-33SG-13 Datasheet
251Kb / 7P
   500mA CMOS LDO
AP7217 Rev. 1
AP7217-33SG-13 DIODES-AP7217-33SG-13 Datasheet
234Kb / 10P
   500mA CMOS LDO
DS31292 Rev. 4 - 2
AP7217-33SG-U DIODES-AP7217-33SG-U Datasheet
251Kb / 7P
   500mA CMOS LDO
AP7217 Rev. 1
More results

Similar Description - AP7217C

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com