Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP7217-33SG-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part No. AP7217-33SG-13
Description  500mA CMOS LDO
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

AP7217-33SG-13 Datasheet(HTML) 3 Page - Diodes Incorporated

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP7217
500mA CMOS LDO
AP7217
Document number: DS31292 Rev. 4 - 2
3 of 10
www.diodes.com
April 2010
© Diodes Incorporated
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD MM
Machine Model ESD Protection
450
V
VIN
Input Voltage
+6
V
IOUT
Output Current
PD/ (VIN-VO)
mA
VROUT
Output Voltage
GND - 0.3 ~ VIN+ 0.3
V
TJ
Operating Junction Temperature Range
-40 to +125
ºC
TJ(MAX)
Maximum Junction Temperature
150
ºC
PD
Internal Power Dissipation
1.2
W
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
3.3
5.5
V
IOUT
Output Current
0
500
mA
TA
Operating Ambient Temperature
-40
85
ºC


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn